Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2T45 Datasheet (PDF) - Texas Instruments

SN74LVC2T45 Datasheet PDF - Texas Instruments
Part # SN74LVC2T45
Download  SN74LVC2T45 Download
File Size   927.0 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation

SN74LVC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2T45 Datasheet PDF - Texas Instruments

Part # SN74LVC2T45
Download  SN74LVC2T45 Click to download

File Size   927.0 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation

SN74LVC2T45 Datasheet (HTML) - Texas Instruments


SN74LVC2T45 Product details

1 Features
• AEC-Q100 qualified for automotive applications
• Fully configurable dual-rail design allows each port
to operate over the full 1.65V to 5.5V power-supply
range
• VCC isolation feature – if either VCC input is at
GND, both ports are in the high-impedance state
• DIR input circuit referenced to VCCA
• Low power consumption, 10μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports Partial-Power-Down mode operation
• Maximum data rates:
– 420Mbps (3.3V to 5V translation)
– 210Mbps (translate to 3.3V)
– 140Mbps (translate to 2.5V)
– 75Mbps (translate to 1.8V)

2 Applications
• Personal electronic
• Industrial
• Enterprise
• Telecom

3 Description
This dual-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.65V to 5.5V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.8V, 2.5V,
3.3V, and 5V voltage nodes.
The SN74LVC2T45-Q1 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated, and from the
B bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports
are always active and must have a logic HIGH or
LOW level applied to prevent excess ICC and ICCZ.
The SN74LVC2T45-Q1 is designed so that VCCA
supplies the DIR input circuit. This device is fully
specified for partial-power-down applications using
Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it
is powered down.
The VCC isolation feature is designed so that if either
VCC input is at GND, both ports are in the highimpedance
state.




Similar Part No. - SN74LVC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
491Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
628Kb / 26P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
611Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI1-SN74LVC2T45 Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
More results


Similar Description - SN74LVC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1_V01 Datasheet
432Kb / 31P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1 Datasheet
296Kb / 27P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1_V01 Datasheet
582Kb / 34P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45-Q1 TI1-SN74AXC1T45-Q1_V01 Datasheet
1Mb / 32P
SN74AXC1T45-Q1 Automotive Qualified Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs
SN74LVC2T45 TI1-SN74LVC2T45_V01 Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45DCU TI1-SN74LVC2T45DCU Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V02 Datasheet
1Mb / 36P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI-SN74AXC8T245-Q1_V02 Datasheet
2Mb / 37P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V04 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
DECEMBER 2021
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V05 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com