Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2T45 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC2T45
Description  SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments SN74LVC2T45 Datasheet HTML 10Page - Texas Instruments SN74LVC2T45 Datasheet HTML 11Page - Texas Instruments SN74LVC2T45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5.8 Switching Characteristics: VCCA = 3.3V ± 0.3V
over recommended operating free-air temperature range, VCCA = 3.3V ± 0.3V (unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
VCCB = 5V
±0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
2.1
19.5
1.4
12
0.7
9.6
0.7
8.4
ns
tPHL
2
16.6
1.3
11
0.8
9
0.7
8
tPLH
B
A
1.7
12.3
1.3
10.4
0.7
9.8
0.6
9.4
ns
tPHL
1.8
11.1
1.3
9.4
0.8
9
0.7
8.5
tPHZ
DIR
A
4.5
14.9
4.5
14.8
4.4
14.8
4.4
14.4
ns
tPLZ
3.4
12.4
3.7
12.4
3.9
12.1
3.3
11.8
tPHZ
DIR
B
5.7
31.3
4.7
17.7
4.7
14.4
2.9
11.4
ns
tPLZ
4.5
21.7
3.5
15.3
4.3
12.3
1
9.6
tPZH (1)
DIR
A
34
25.7
22.1
19
ns
tPZL (1)
42.4
27.1
23.4
19.9
tPZH (1)
DIR
B
31.9
24.4
21.9
20.2
ns
tPZL (1)
31.5
25.8
23.8
22.4
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
5.9 Switching Characteristics: VCCA = 5V ± 0.5V
over recommended operating free-air temperature range, VCCA = 5V ± 0.5V (unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8V
±0.15V
VCCB = 2.5V
±0.2V
VCCB = 3.3V
±0.3V
VCCB = 5V
±0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.9
19.1
1
11.5
0.6
9.4
0.5
7.9
ns
tPHL
1.8
16.2
0.9
10.2
0.7
8.5
0.5
7.5
tPLH
B
A
1.4
11.2
1
9.1
0.7
8.4
0.5
7.9
ns
tPHL
1.7
11
0.9
8.6
0.7
8
0.5
7.5
tPHZ
DIR
A
2.9
12.2
2.9
11.9
2.8
11.9
2.2
11.8
ns
tPLZ
1.4
10.9
1.3
10.7
0.7
10.7
0.7
10.6
tPHZ
DIR
B
5.8
30.1
4.4
17.9
4.4
14.1
1.3
11.3
ns
tPLZ
4.7
20.9
3.3
15
4
11.7
1
9.6
tPZH (1)
DIR
A
32.1
24.1
20.1
18.5
ns
tPZL (1)
41.1
26.5
22.1
18.8
tPZH (1)
DIR
B
30
22.2
20.1
18.5
ns
tPZL (1)
28.4
22.1
22.4
19.3
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
SN74LVC2T45-Q1
SCES818C – SEPTEMBER 2010 – REVISED JULY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com