Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2T45 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2T45
Description  SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments SN74LVC2T45 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)1 2
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
–40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
VOH
IOH = –100μA
VI = VIH
1.65V to 4.5V
1.65V to 4.5V
VCCO – 0.1
V
IOH = –4mA
1.65V
1.65V
1.2
IOH = –8mA
2.3V
2.3V
1.9
IOH = –24mA
3V
3V
2.4
IOH = –32mA
4.5V
4.5V
3.8
VOL
IOL = 100μA
VI = VIL
1.65V to 4.5V
1.65V to 4.5V
0.1
V
IOL = 4mA
1.65V
1.65V
0.45
IOL = 8mA
2.3V
2.3V
0.3
IOL = 24mA
3V
3V
0.55
IOL = 32mA
4.5V
4.5V
0.55
II
DIR
VI = VCCA or GND
1.65V to 5.5V
1.65V to 5.5V
±1
±2
µA
Ioff
A port
VI or VO = 0 to 5.5V
0V
0 to 5.5V
±1
±9
µA
B port
0 to 5.5V
0V
±1
±9
IOZ
A or B
port
VO = VCCO or GND
1.65V to 5.5V
1.65V to 5.5V
±1
±9
µA
ICCA
VI = VCCI or GND, IO = 0
1.65V to 5.5V
1.65V to 5.5V
4
µA
5V
0V
2
0V
5V
–12
ICCB
VI = VCCI or GND, IO = 0
1.65V to 5.5V
1.65V to 5.5V
4
µA
5V
0V
–12
0V
5V
2
ICCA + ICCB
(see Table 8-4)
VI = VCCI or GND, IO = 0
1.65V to 5.5V
1.65V to 5.5V
4
µA
ΔICCA
A port
One A port at VCCA – 0.6V,
DIR at VCCA,
B port = open
3V to 5.5V
3V to 5.5V
50
µA
DIR
DIR at VCCA – 0.6V,
B port = open,
A port at VCCA or GND
50
ΔICCB B port
One B port at VCCB – 0.6V,
DIR at GND, A port = open
3V to 5.5V
3V to 5.5V
50
µA
CI
DIR
VI = VCCA or GND
3.3V
3.3V
2.5
pF
Cio
A or B
port
VO = VCCA/B or GND
3.3V
3.3V
6
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
SN74LVC2T45-Q1
SCES818C – SEPTEMBER 2010 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com