Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2T45 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC2T45
Description  SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2T45 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
VCCI
VCCO
MIN
MAX
UNIT
VIL
Low-level
input voltage
DIR
(referenced to VCCA)(5)
1.65V to 1.95V
VCCA × 0.35
V
2.3V to 2.7V
0.7
3V to 3.6V
0.8
4.5V to 5.5V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
IOH
High-level output current
1.65V to 1.95V
–4
mA
2.3V to 2.7V
–8
3V to 3.6V
–24
4.5V to 5.5V
–32
IOL
Low-level output current
1.65V to 1.95V
4
mA
2.3V to 2.7V
8
3V to 3.6V
24
4.5V to 5.5V
32
Δt/Δv
Input transition
rise or fall rate
Data inputs
1.65V to 1.95V
20
ns/V
2.3V to 2.7V
20
3V to 3.6V
10
4.5V to 5.5V
5
Control input
1.65V to 5.5V
5
TA
Operating free-air temperature
–40
125
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND for proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7V, VIL max = VCCI × 0.3V.
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7V, VIL max = VCCA × 0.3V.
5.4 Thermal Information
THERMAL METRIC(1)
SN74LVC2T45-Q1
UNIT
DCU
8 PINS
RθJA
Junction-to-ambient thermal resistance
246.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
95.4
°C/W
RθJB
Junction-to-board thermal resistance
157.8
°C/W
ψJT
Junction-to-top characterization parameter
37
°C/W
ψJB
Junction-to-board characterization parameter
156.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
SN74LVC2T45-Q1
SCES818C – SEPTEMBER 2010 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74LVC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com