Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5086 Datasheet (PDF) - Texas Instruments

TAS5086 Datasheet PDF - Texas Instruments
Part # TAS5086
Download  TAS5086 Download
File Size   780.95 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR

TAS5086 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5086 Datasheet PDF - Texas Instruments

Part # TAS5086
Download  TAS5086 Click to download

File Size   780.95 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR

TAS5086 Datasheet (HTML) - Texas Instruments


TAS5086 Product details

1FEATURES
23· Audio Input/Output
– Automatic Master Clock Rate and Data
Sample Rate Detection
– Four Serial Audio Inputs (Eight Channels)
– Support for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
and 192-kHz Sampling Rates
– Data Formats: 16-, 20-, or 24-Bit Input Data;
Left-Justified, Right-Justified, and I2S
– 64- or 48-fS Bit-Clock Rate
– 128-, 192-, 256-, 384-, and 512-fS Master
Clock Rates (Up to a Maximum of 50 MHz)
– Six PWM Audio Output Channels
– Any Output Channel Can be Mapped to Any
Output Pin
– Supports Single-Ended and Bridge-Tied
Loads
– I2S Serial Audio Output
· Audio Processing
– Volume Control Range of 48 dB to –100 dB
– Master Volume Control from 24 dB to –100
dB in 0.5-dB Increments
– Six Individual Channel Volume Controls
With 24-dB to –100-dB Attenuation in
0.5-dB Increments
– Serial Output Can Be Produced by
Downmix of 5.1-Channel Input or Fourth
Serial Input
– 5.1-Channel Downmix to 2.1 or 3.1 PWM
Output Speaker System
– Integrated Bass Management
– Two Programmable Biquads in Subwoofer
Channel
– Full Six-Channel Input and Output Mapping
– Selectable DC Blocking Filters
· PWM Processing
– 8× Oversampling With Fourth-Order Noise
Shaping at 44.1, 48 kHz; 4× Oversampling
at 88.2, 96 kHz; 2× Oversampling at 176.4,
192 kHz; and 12× Oversampling at 32 kHz
– ≥105-dB Dynamic Range
(TAS5086+TAS5186)
– THD < 0.06% (TAS5086 Only)
– 20-Hz–20-kHz Flat Noise Floor for 44.1-, 48-,
88.2-, 96-, 176.4- and 192-kHz Data Rates
– Digital De-Emphasis for 32-kHz, 44.1-kHz
and 48-kHz Data Rates
– Intelligent AM Interference Avoidance
System Provides Clear AM Reception
– Optimized PWM Sequence for Click- and
Popless Start and Stop
– Optimized PWM Sequence for Charging of
AC-Coupling Capacitors in Single-Ended
Configurations
– Adjustable Modulation Limit From 93.8% to
99.2%
· General Features
– Automated Operation With Easy-to-Use
Control Interface
– I2C Serial Control Slave Interface
– Control Interface Operational Without
MCLK
– Single 3.3-V Power Supply
– 38-Pin TSSOP Package

DESCRIPTION
The TAS5086 is a six-channel digital pulse-width modulator (PWM) that provides both advanced performance
and a high level of system integration. The TAS5086 is designed to interface seamlessly with most audio digital
signal processors and MPEG decoders, accepting a wide range of input data and clock formats.
The TAS5086 drives six channels of speakers in either single-ended or bridge-tied load configurations that
accept a 1N + 1 interface format. The TAS5086 also supports 2N + 1 power stages with the use of some
external logic (e.g., TAS5112). Stereo line out in I2S format is available with either a pass-through signal (SDIN4)
or an internal downmix.
The TAS5086 uses AD modulation operating at a 384-kHz switching rate for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
and 192-kHz data. The 8× oversampling, combined with the 4th-order noise shaper, provides a broad, flat noise
floor and excellent dynamic range from 20 Hz to 20 kHz.
The TAS5086 is only an I2C slave device, which always receives MCLK, SCLK, and LRCLK from other system
components. The TAS5086 accepts clock rates of 128, 192, 256, 384, and 512 fS. The TAS5086 accepts a 64-fS
master clock for 176.4-kHz and 192-kHz data.
The TAS5086 accepts a 64-fS bit clock for all data rates. The TAS5086 also can accept a 48-fS SCLK rate for
MCLK ratios of 192 fS and 384 fS.
The TAS5086 is composed of five functional blocks.
· Power supply
· Clock, PLL, and serial data interface
· Serial control interface
· Device control
· PWM section
For detailed application information, see the Using the PurePath Digital PWM Processor application report
(SLEA046).
Figure 1 shows the functional structure of the TAS5086.




Similar Part No. - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI-TAS5086DBT Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI1-TAS5086DBT Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Similar Description - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A_06 Datasheet
778Kb / 62P
Six Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
Six-Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com