Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5086 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5086 Datasheet HTML 1Page - Texas Instruments TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1
FEATURES
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
–
Full Six-Channel Input and Output Mapping
23
• Audio Input/Output
–
Selectable DC Blocking Filters
–
Automatic Master Clock Rate and Data
• PWM Processing
Sample Rate Detection
–
8× Oversampling With Fourth-Order Noise
–
Four Serial Audio Inputs (Eight Channels)
Shaping at 44.1, 48 kHz; 4× Oversampling
at 88.2, 96 kHz; 2× Oversampling at 176.4,
–
Support for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
192 kHz; and 12× Oversampling at 32 kHz
and 192-kHz Sampling Rates
–
≥105-dB Dynamic Range
–
Data Formats: 16-, 20-, or 24-Bit Input Data;
(TAS5086+TAS5186)
Left-Justified, Right-Justified, and I2S
–
THD < 0.06% (TAS5086 Only)
–
64- or 48-fS Bit-Clock Rate
–
20-Hz–20-kHz Flat Noise Floor for 44.1-, 48-,
–
128-, 192-, 256-, 384-, and 512-fS Master
88.2-, 96-, 176.4- and 192-kHz Data Rates
Clock Rates (Up to a Maximum of 50 MHz)
–
Digital De-Emphasis for 32-kHz, 44.1-kHz
–
Six PWM Audio Output Channels
and 48-kHz Data Rates
–
Any Output Channel Can be Mapped to Any
–
Intelligent AM Interference Avoidance
Output Pin
System Provides Clear AM Reception
–
Supports Single-Ended and Bridge-Tied
–
Optimized PWM Sequence for Click- and
Loads
Popless Start and Stop
–
I2S Serial Audio Output
–
Optimized PWM Sequence for Charging of
• Audio Processing
AC-Coupling Capacitors in Single-Ended
–
Volume Control Range of 48 dB to –100 dB
Configurations
–
Master Volume Control from 24 dB to –100
–
Adjustable Modulation Limit From 93.8% to
dB in 0.5-dB Increments
99.2%
–
Six Individual Channel Volume Controls
• General Features
With 24-dB to –100-dB Attenuation in
–
Automated Operation With Easy-to-Use
0.5-dB Increments
Control Interface
–
Serial Output Can Be Produced by
–
I2C Serial Control Slave Interface
Downmix of 5.1-Channel Input or Fourth
–
Control Interface Operational Without
Serial Input
MCLK
–
5.1-Channel Downmix to 2.1 or 3.1 PWM
–
Single 3.3-V Power Supply
Output Speaker System
–
38-Pin TSSOP Package
–
Integrated Bass Management
–
Two Programmable Biquads in Subwoofer
Channel
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI-TAS5086DBT Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBT TI1-TAS5086DBT Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A_06 Datasheet
778Kb / 62P
Six Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
Six-Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com