Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5086 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5086 Datasheet HTML 1Page - Texas Instruments TAS5086 Datasheet HTML 2Page - Texas Instruments TAS5086 Datasheet HTML 3Page - Texas Instruments TAS5086 Datasheet HTML 4Page - Texas Instruments TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Serial Audio Port
t
h1
t
su1
t
su2
t
h2
SCLK
(Input)
LRCLK
(Input)
SDIN1
SDIN2
SDIN3
T0026-01
TAS5086 Pin-Related Characteristics of the SDA and SCL I/O Stages for F/S-Mode I
2C-Bus
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
Serial audio port slave mode over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLKIN SCLK input frequency
CL = 30 pF, SCLK = 64 fS
2.048
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
32
48
192
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
64
64
edges
LRCLK clock edge with respect to the falling edge of
SCLK
–1/4
1/4
SCLK
period
Figure 2. Slave Mode Serial Data Interface Timing
Devices
STANDARD MODE
FAST MODE
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
VIL
LOW-level input voltage
–0.5
0.3 VDD
–0.5
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
0.7 VDD
V
Vhys
Hysteresis of Schmitt-trigger inputs
N/A
N/A
0.05 VDD
V
LOW-level output voltage (open drain or
VOL1
3-mA sink current
0
0.4
V
open collector)
Bus capacitance from 10 pF
7 + 0.1 Cb
tof
Output fall time from VIHmin to VILmax
250
250
ns
to 400 pF
(1)
tSP
Pulse duration of spikes suppressed(2)
N/A
N/A
0
30
ns
Ii
Input current, each I/O pin
–30
30
–30(3)
30(3)
µA
Ci
Capacitance, each I/O pin
10
10
pF
(1)
Cb = capacitance of one bus line in pF. The output fall time is faster than the standard I
2C specification.
(2)
SCL and SDA have a 30-ns glitch filter.
(3)
The I/O pins of fast-mode devices must not obstruct the SDA and SDL lines if VDD is switched off.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com