Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5086 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 5Page - Texas Instruments TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
Table 1. TERMINAL FUNCTIONS (continued)
TERMINAL
5-V
I/O(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
Power down, active-low. PDN powers down all logic, stops all clocks, and
performs a soft stop whenever a logic low is applied. The internal
parameters are preserved through a power-down cycle, as long as RESET
PDN
10
DI
5-V
Pullup
is not active. The duration for system recovery from power down is 100
ms. When released, PDN powers up all logic, starts all clocks, and
performs a soft start that returns to the previous configuration.
PLL_FLTM
5
AO
PLL negative input
PLL_FLTP
6
AI
PLL positive input
PWM_ 1
38
DO
PWM 1 output
PWM_ 2
37
DO
PWM 2 output
PWM_ 3
36
DO
PWM 3 output
PWM_ 4
35
DO
PWM 4 output
PWM_ 5
34
DO
PWM 5 output
PWM_ 6
33
DO
PWM 6 output
RESERVED
21
–
RESERVED (connect to ground)
A system reset is generated by applying a logic low to this terminal.
RESET is an asynchronous control signal that restores the TAS5086 to its
default conditions, sets the VALID2 output low, and places the PWM in the
RESET
9
DI
5-V
Pullup
hard-mute (M) state. Master volume is immediately set to full attenuation.
On the release of RESET, if PDN is high, the system performs a 4–5-ms
device initialization and sets the volume at mute.
SCL
18
DI
5-V
I2C serial control clock input
Serial audio data clock (shift clock). SCLKIN is the serial audio port (SAP)
SCLK
20
DI
5-V
Pulldown
input data bit clock.
SDA
17
DIO
5-V
I2C serial control data interface input/output
Serial audio data 1 input is one of the serial data input ports. SDIN1
SDIN1
26
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 2 input is one of the serial data input ports. SDIN2
SDIN2
25
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 3 input is one of the serial data input ports. SDIN3
SDIN3
24
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 4 input is one of the serial data input ports. SDIN4
SDIN4
23
DI
Pulldown
supports four discrete (stereo) data formats.
Serial audio data 1 output is the only serial data output port. SDOUT
SDOUT
22
DI
supports I2S format only.
Soft start valid. Output indicating validity of soft-start PWM output,
VALID1
31
DO
active-high
VALID2
32
DO
Output indicating validity of PWM outputs, active-high.
Voltage reference for analog supply, 1.8 V. A pinout of the internally
regulated 1.8-V power. A 0.1-
µF, low-ESR capacitor should be connected
VR_ANA
1
P
between this terminal and AVSS_PLL. This terminal must not be used to
power external devices.
Voltage reference for digital PWM core supply, 1.8 V. A pinout of the
internally regulated 1.8-V power used by digital PWM core logic. A 0.1-
µF,
VR_DIG
30
P
low-ESR(3) capacitor should be connected between this terminal and
DVSS_PWM. This terminal must not be used to power external devices.
Voltage reference for analog supply, 1.8 V. A pinout of the internally
regulated 1.8-V power. A 0.1-
µF, low-ESR(3) capacitor should be
VR_OSC
15
P
connected between this terminal and AVSS_PLL. This terminal must not
be used to power external devices.
(3)
If desired, low-ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provides an extended high-frequency supply decoupling. This approach avoids the potential of producing
parallel resonance circuits that have been observed when paralleling capacitors of different values.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com