Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502 Datasheet (PDF) - Lite-On Technology Corporation

LSP5502 Datasheet PDF - Lite-On Technology Corporation
Part # LSP5502
Download  LSP5502 Download
File Size   299.23 Kbytes
Page   11 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 2A Synchronous Step Down DC/DC Converter

LSP5502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSP5502 Datasheet PDF - Lite-On Technology Corporation

Part # LSP5502
Download  LSP5502 Click to download

File Size   299.23 Kbytes
Page   11 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 2A Synchronous Step Down DC/DC Converter

LSP5502 Datasheet (HTML) - Lite-On Technology Corporation


LSP5502 Product details

„ FEATURES
z 2A Output Current
z Wide 4.5V to 27V Operating Input Range
z Integrated 120mΩ Power MOSFET Switches
z Output Adjustable from 0.925V to 24V
z Up to 96% Efficiency
z Programmable Soft-Start
z Stable with Low ESR Ceramic Output Capacitors
z Fixed 400KHz Frequency
z Cycle-by-Cycle Over Current Protection
z Input Under Voltage Lockout
z 8-Pin SOP Package

„ TYPICAL APPLICATION
z Distributed Power Systems
z Networking Systems
z FPGA, DSP, ASIC Power Supplies
z Green Electronics/ Appliances
z Notebook Computers

„ GENERAL DESCRIPTION
The LSP5502 is a monolithic synchronous buck
regulator. The device integrates 120mΩ MOSFETS
that provide 2A continuous load current over a wide
operating input voltage of 4.5V to 27V. Current mode
control provides fast transient response and
cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn
on. In shutdown mode, the supply current drops
below 1µA.
This device, available in an 8-pin SOP package,
provides a very compact system solution with minimal
reliance on external components.




Similar Part No. - LSP5502

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
LSP5523-R8A DIODES-LSP5523-R8A Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
More results


Similar Description - LSP5502

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com