Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LSP5502
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LSP5502 Datasheet HTML 1Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 2Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
5/11
Rev. 1.7
www.liteon-semi.com
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended. Since large current flows in and out of this capacitor during
switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10µF. The best choice is the ceramic type; however, low ESR
tantalum or electrolytic types may also be used provided that the RMS ripple current rating is higher than 50% of the
output current. The input capacitor should be placed close to the IN and G pins of the IC, with the shortest traces
possible. In the case of tantalum or electrolytic types, they can be further away if a small parallel 0.1µF ceramic
capacitor is placed right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple. The output ripple voltage is:
ESR
RIPPLE
OUTMAX
RIPPLE
R
K
I
V
=
OUT
LC
SW
f
IN
V
2
•
8
+
(3)
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is the ESR of the output capacitor, fSW
is the switching frequency, L is the inductor value, and COUT is the output capacitance. In the case of ceramic output
capacitors, RESR is very small and does not contribute to the ripple. Therefore, a lower capacitance value can be
used for ceramic capacitors. In the case of tantalum or electrolytic capacitors, the ripple is dominated by RESR
multiplied by the ripple current. In that case, the output capacitor is chosen to have sufficiently low ESR.
For ceramic output capacitors, typically choose a capacitance of about 22µF. For tantalum or electrolytic capacitors,
choose a capacitor with less than 50mΩ ESR.
Optional Schottky Diode
During the transition between high-side switch and low-side switch, the body diode of the low side power MOSFET
conducts the inductor current. The forward voltage of this body diode is high. An optional Schottky diode may be
paralleled between the SW pin and GND pin to improve overall efficiency. Table 2 lists example Schottky diodes and
their Manufacturers.
Table 2-Diode Selection Guide
Part Number
Voltage/Current Rating
Vendor
B130
30V,1A
Lite-on Semiconductor Corp.
MBRS130
30V,1A
International Rectifier
VIN = 12V
LSP5502
IN
EN
FB
SW
C1
C2
0.1uF
C5
47pF
C6
10nF
R2
10k
R3
6.8k
COMP
R4
100k
BS
C4
2.2nF
2
7
3
5
1
8
6
SS
0.1uF
C3
4
22uF/16V
15uH/2A
L1
44.2k
VOUT = 5V/2A
R1
D1
B130/SK13
(Option)
GND
C7
22µF/10V
CERAMIC
x2
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com