Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LSP5502
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LSP5502 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
10/11
Rev. 1.7
www.liteon-semi.com
Efficiency vs Input Voltage(Vout=5.0V)
50
60
70
80
90
100
0
500
1000
1500
2000
Io(mA)
VIN=8V
VIN=12V
VIN=18V
VIN=23V
Efficiency vs Input Voltage(Vout=5.0V)
50
60
70
80
90
100
0
500
1000
1500
2000
Io(mA)
VIN=5V
VIN=8V
VIN=12V
VIN=18V
VIN=23V
12Vin 5.0Vout Efficiency curve
12Vin 1.0Vout Efficiency curve
ORDERING INFORMATION
LSP5502 X X X
Package :
S: SOP8
Packing :
Blank : Tube or Bulk
A : Tape & Reel
C : -20 ~ 85 C
Temperature :
MARKING INFORMATION
( Vout=1.0V)
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com