Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5502 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LSP5502
Description  2A Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSP5502 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LSP5502 Datasheet HTML 3Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 4Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 5Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 6Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 7Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 8Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 9Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 10Page - Lite-On Technology Corporation LSP5502 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LSP5502
2A Synchronous Step Down DC/DC Converter
7/11
Rev. 1.7
www.liteon-semi.com
And the proper value for CCOMP2 is:
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
(13)
Though CCOMP2 is unnecessary when the output capacitor has sufficiently low ESR, a small value CCOMP2 such as
100pF may improve stability against PCB layout parasitic effects.
Table 3 shows some calculated results based on the compensation method above.
VOUT
COUT
RCOMP
CCOMP
CCOMP2
1.0V
22µF Ceramic
1.5kΩ
10nF
100pF
1.2V
22µF Ceramic
1.7kΩ
10nF
100pF
1.8V
22µF Ceramic
2.2kΩ
6.8nF
100pF
2.5V
22µF Ceramic
3.6kΩ
4.7nF
100pF
3.3V
22µF Ceramic
4.7kΩ
3.3nF
47pF
5V
22µF Ceramic
6.8kΩ
2.2nF
47pF
1.0V
47µF SP Cap
3.0kΩ
6.8nF
470pF
1.2V
47µF SP Cap
3.6kΩ
4.7nF
330pF
1.8V
47µF SP Cap
5.6kΩ
3.3nF
220pF
2.5V
47µF SP Cap
6.8kΩ
2.2nF
200pF
3.3V
47µF SP Cap
10kΩ
2.0nF
150pF
5V
47µF SP Cap
10kΩ
2.2nF
150pF
1.0V
470µF/6.3V/30mΩ
10kΩ
2.2nF
1nF
1.2V
470µF/6.3V/30mΩ
10kΩ
3.3nF
1nF
1.8V
470µF/6.3V/30mΩ
10kΩ
4.7nF
1nF
2.5V
470µF/6.3V/30mΩ
10kΩ
6.8nF
1nF
3.3V
470µF/6.3V/30mΩ
10kΩ
8.2nF
1nF
5V
470µF/10V/30mΩ
10kΩ
10nF
1nF
Table3. Typical Compensation for Different Output Voltages and Output Capacitors
Free Datasheet http://www.nDatasheet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com