Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36 Datasheet (PDF) - HOOYI SEMICONDUCTOR

HT36 Datasheet PDF - HOOYI SEMICONDUCTOR
Part # HT36
Download  HT36 Download
File Size   1132.77 Kbytes
Page   10 Pages
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR
Description N-Channel Enhancement Mode MOSFET

HT36 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT36 Datasheet PDF - HOOYI SEMICONDUCTOR

Part # HT36
Download  HT36 Click to download

File Size   1132.77 Kbytes
Page   10 Pages
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR
Description N-Channel Enhancement Mode MOSFET

HT36 Datasheet (HTML) - HOOYI SEMICONDUCTOR


HT36 Product details

Features
· 100V/160A
RDS(ON)
= mW (typ.) @ VGS
=10V
· 100% avalanche tested
· Reliable and Rugged
· Lead Free andGreenDevicesAvailable
(RoHS Compliant)

Applications
· Switching application
· Power Management for Inverter Systems




Similar Part No. - HT36

ManufacturerPart #DatasheetDescription
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
HT360C HANTEK-HT360C Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
Electric Power Detection, Battery Energy Display
logo
Holtek Semiconductor In...
HT36A0 HOLTEK-HT36A0 Datasheet
257Kb / 23P
8-Bit Music Synthesizer MCU
June 18, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
More results


Similar Description - HT36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com