Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36 Datasheet(PDF) 1 Page - HOOYI SEMICONDUCTOR

Part # HT36
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HT36 Datasheet(HTML) 1 Page - HOOYI SEMICONDUCTOR

  HT36 Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
G : Lead Free Device
HY3610P
HY3610
P
P : TO220-3L
Date Code
HOOYI
HOOYI
HOOYI
HOOYI
www.hooyi-semi.com
N-Channel Enhancement Mode MOSFET
1
reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Features
• 100V/160A
R
DS(ON) =
m
Ω (typ.) @ V
GS=10V
N-Channel MOSFET
G
S
D
Note:
lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS.
lead-free products meet or exceed the lead-free
requirements of IPC/JEDEC J-STD-020C for MSL classification at lead-free peak reflow temperature.
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight in
homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
Package Code
Assembly Material
G
D
S
Applications
Reliable and Rugged
Lead Free and Green Devices Available
(RoHS Compliant)
• Power Management for Inverter Systems.
100% avalanche tested
• Switching application
4.5
ÿ
YYXXXJWW G
YYXXX WW


Similar Part No. - HT36

ManufacturerPart #DatasheetDescription
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
HT360C HANTEK-HT360C Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
Electric Power Detection, Battery Energy Display
logo
Holtek Semiconductor In...
HT36A0 HOLTEK-HT36A0 Datasheet
257Kb / 23P
8-Bit Music Synthesizer MCU
June 18, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
More results

Similar Description - HT36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com