Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36 Datasheet(PDF) 3 Page - HOOYI SEMICONDUCTOR

Part # HT36
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HT36 Datasheet(HTML) 3 Page - HOOYI SEMICONDUCTOR

  HT36 Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
57
-
40
HY3610P
HY3610P
3
Electrical Characteristics (Cont.) (T
A = 25°C Unless Otherwise Noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
1.3
-
Ciss
Input Capacitance
-
16200
-
Coss
Output Capacitance
-
996
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=25V,
Frequency=1.0MHz
-
295
-
pF
td(ON)
Turn-on Delay Time
-
25
-
Tr
Turn-on Rise Time
-
td(OFF)
Turn-off Delay Time
-
85
-
Tf
Turn-off Fall Time
VDD=50V, RG= 6
Ω,
IDS =80A, VGS=10V,
-
45
-
ns
Gate Charge Characteristics
Qg
Total Gate Charge
-
201
-
Qgs
Gate-Source Charge
-
49
-
Qgd
Gate-Drain Charge
VDS=80V, VGS=10V,
IDS=80A
-
-
nC
Note * : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
.
www.hooyi-semi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com