Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36 Datasheet(PDF) 4 Page - HOOYI SEMICONDUCTOR

Part # HT36
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HT36 Datasheet(HTML) 4 Page - HOOYI SEMICONDUCTOR

  HT36 Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HT36 Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0
4
Typical Operating Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
1E-4
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
2
Mounted on minimum pad
R
θJA :62.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
0
20 40 60 80 100 120 140 160 180 200
0
80
160
240
320
400
480
T
C
=25
oC
0.01
0.1
1
10
100
500
1
10
100
1000
10ms
1ms
100us
DC
T
C
=25
oC
0 20
40 60 80 100 120 140 160 180
0
20
40
60
80
100
120
140
160
www.hooyi-semi.com
200
T
C
=25
oC,V
G
=10V
limited by package
HY3610P
1E-5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com