Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet (PDF) - Texas Instruments

LP5521 Datasheet PDF - Texas Instruments
Part # LP5521
Download  LP5521 Download
File Size   1038.81 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump

LP5521 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5521 Datasheet PDF - Texas Instruments

Part # LP5521
Download  LP5521 Click to download

File Size   1038.81 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump

LP5521 Datasheet (HTML) - Texas Instruments


LP5521 Product details

1 Features
1• Adaptive Charge Pump With 1× and 1.5× Gain
Provides Up to 95% LED Drive Efficiency
• Charge Pump with Soft Start and Overcurrent,
Short-Circuit Protection
• Low Input Ripple and EMI
• Very Small Solution Size, No Inductor or Resistors
Required
• 200-nA Typical Shutdown Current
• Automatic Power Save Mode
• I2C-Compatible Interface
• Independently Programmable Constant Current
Outputs with 8-Bit Current Setting and 8-Bit PWM
Control
• Typical LED Output Saturation Voltage 50 mV and
Current Matching 1%
• Three Program Execution Engines with Flexible
Instruction Set
• Autonomous Operation Without External Control
• Large SRAM Program Memory
• Two General Purpose Digital Outputs

2 Applications
• Fun and Indicator Lights
• LCD Sub-Display Backlighting
• Keypad RGB Backlighting and Phone Cosmetics
• Vibra, Speakers, Waveform Generator
• Blood Glucose Meter
• Handheld POS Terminals
• Electronic Access Control
• Where RGB Indication is Needed

3 Description
The LP5521 is a three-channel LED driver designed
to produce variety of lighting effects for mobile
devices. A high-efficiency charge pump enables LED
driving over full Li-Ion battery voltage range. The
device has a program memory for creating variety of
lighting sequences. When program memory has been
loaded, LP5521 can operate autonomously without
processor control allowing power savings.
The device maintains excellent efficiency over a wide
operating range by automatically selecting proper
charge pump gain based on LED forward voltage
requirements and is able to automatically enter
power-save mode, when LED outputs are not active
and thus lowering current consumption.
Three independent LED channels have accurate
programmable current sources and PWM control.
Each channel has program memory for creating
desired lighting sequences with PWM control.
The LP5521 has a flexible digital interface. Trigger
I/O and a 32-kHz clock input allow synchronization
between multiple devices. Interrupt output can be
used to notify processor, when LED sequence has
ended. The LP5521 has four pin selectable I2Ccompatible
addresses. This allows connecting up to
four parallel devices in one I2C-compatible bus. GPO
and INT pins can be used as a digital control pin for
other devices.
The LP5521 requires only four small, low-cost
ceramic capacitors.
Comprehensive application tools are available,
including command compiler for easy LED sequence
programming.




Similar Part No. - LP5521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Texas Instruments
LP5521 TI1-LP5521 Datasheet
1Mb / 48P
LP5521 Programmable Three-Channel LED Driver
logo
National Semiconductor ...
LP5521TM NSC-LP5521TM Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Texas Instruments
LP5521TM/NOPB TI1-LP5521TM/NOPB Datasheet
1Mb / 48P
LP5521 Programmable Three-Channel LED Driver
logo
National Semiconductor ...
LP5521TMX NSC-LP5521TMX Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
More results


Similar Description - LP5521

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
Charge Pump White LED Driver
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Texas Instruments
LP5521 TI1-LP5521 Datasheet
1Mb / 48P
LP5521 Programmable Three-Channel LED Driver
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com