Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments LP5521 Datasheet HTML 10Page - Texas Instruments LP5521 Datasheet HTML 11Page - Texas Instruments LP5521 Datasheet HTML 12Page - Texas Instruments LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VDD = 3.6 V
Figure 8. Charge Pump Output Voltage vs Load Current
Figure 9. Charge Pump Output Voltage vs Input Voltage
Automatic Gain Change from 1x to 1.5x
Figure 10. Charge Pump Automatic Gain Change Hysteresis
Figure 11. Charge Pump Start-Up in 1.5× Mode: No Load
Figure 12. Charge Pump Automatic Gain Change
(LED VF = 3.6 V)
Figure 13. Standby Current vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com