Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 19Page - Texas Instruments LP5521 Datasheet HTML 20Page - Texas Instruments LP5521 Datasheet HTML 21Page - Texas Instruments LP5521 Datasheet HTML 22Page - Texas Instruments LP5521 Datasheet HTML 23Page - Texas Instruments LP5521 Datasheet HTML 24Page - Texas Instruments LP5521 Datasheet HTML 25Page - Texas Instruments LP5521 Datasheet HTML 26Page - Texas Instruments LP5521 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.5.2.1 Disabled
Each channel can be configured to disabled mode. LED output current is 0 during this mode. Disabled mode
resets PC of respective channel.
7.5.2.2 LOAD Program
LP5521 can store 16 commands for each channel (R, G, B). Each command consists of 16 bits. Because one
register has only 8 bits, one command requires two I2C register addresses. In order to reduce program load time
LP5521 supports address auto incrementation. Register address is incremented after each 8 data bits. Whole
program memory can be written in one I2C write sequence.
Program memory is defined in the LP5521 register table, 10H to 2FH for R channel, 30H to 4FH for G channel
and 50H to 6FH for B channel. In order to be able to access program memory at least one channel operation
mode needs to be LOAD Program.
Memory writes are allowed only to the channel in LOAD mode. All channels are in hold while one or several
channels are in LOAD program mode, and PWM values are frozen for the channels which are not in LOAD
mode. Program execution continues when all channels are out of LOAD program mode. LOAD Program mode
resets PC of respective channel.
7.5.2.3 RUN Program
RUN Program mode executes the commands defined in program memory for respective channel (R, G, B).
Execution register bits in ENABLE register define how program is executed. Program start position can be
programmed to Program Counter register (see the following tables). By manually selecting the PC start value,
user can write different lighting sequences to the memory, and select appropriate sequence with the PC register.
If program counter runs to end (15) the next command will be executed from program location 0.
If internal clock is used in the RUN program mode, operation mode needs to be written disabled (00b) before
disabling the chip (with CHIP_EN bit or EN pin) to ensure that the sequence starts from the correct program
counter (PC) value when restarting the sequence.
PC registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to PC registers (09H, 0AH,
0BH) need to be longer than 153 µs (typ.).
Note that entering LOAD program or Direct Control Mode from RUN PROGRAM mode is not allowed. Engine
execution mode should be set to Hold, and Operation Mode to disabled, when changing operation mode from
RUN mode.
Table 11. R Channel PC Register (09H), G CHANNEL PC Register (0AH), B CHANNEL PC Register (0BH)
NAME
BIT
DESCRIPTION
PC
3:0
Program counter value from 0 to 15d
Table 12. ENABLE Register (00H)
NAME
BIT
DESCRIPTION
R_EXEC
5:4
R channel program execution
00b = Hold: Wait until current command is finished then stop while EXEC mode is hold. PC can be read
or written only in this mode.
01b = Step: Execute instruction defined by current R channel PC value, increment PC and change
R_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current R channel PC value
11b = Execute instruction defined by current R channel PC value and change R_EXEC to 00b (Hold)
G_EXEC
3:2
G channel program execution
00b = Hold: Wait until current command is finished then stop while EXEC mode is hold. PC can be read
or written only in this mode.
01b = Step: Execute instruction defined by current G channel PC value, increment PC and change
G_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current G channel PC value
11b = Execute instruction defined by current G channel PC value and change G_EXEC to 00b (Hold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com