Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments LP5521 Datasheet HTML 16Page - Texas Instruments LP5521 Datasheet HTML 17Page - Texas Instruments LP5521 Datasheet HTML 18Page - Texas Instruments LP5521 Datasheet HTML 19Page - Texas Instruments LP5521 Datasheet HTML 20Page - Texas Instruments LP5521 Datasheet HTML 21Page - Texas Instruments LP5521 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
I
2
C reset=H and EN=H (pin)
or
POR=H
TSD = H
NORMAL MODE
EN=H (pin) and
CHIP_EN=H (bit)
EN=L (pin) or
CHIP_EN=L (bit)
POR
TSD = L
POWER SAVE
Enter power save
Exit power save
18
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typical) and
disengages at TJ = 130°C (typical).
7.4 Device Functional Modes
7.4.1 Modes of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is done always if
Reset Register (0DH) is written FFH or internal power on reset (POR) is activated. POR activates
when supply voltage is connected or when the supply voltage VDD falls below 1.5 V typical (0.8 V
minimum). Once VDD rises above 1.5 V, POR inactivates, and the chip continues to the STANDBY
mode. CHIP_EN control bit is low after POR by default.
STANDBY: The STANDBY mode is entered if the register bit CHIP_EN or EN pin is LOW and Reset is not
active. This is the low power consumption mode, when all circuit functions are disabled. Registers
can be written in this mode if EN pin is high. Control bits are effective after start-up.
START-UP: When CHIP_EN bit is written high and EN pin is high, the INTERNAL STARTUP SEQUENCE
powers up all the needed internal blocks (VREF, bias, oscillator, etc.). Start-up delay is after setting
EN pin high is 1 ms (typical). Start-up delay after setting CHIP_EN to 1 is 500 μs (typical). If the
chip temperature rises too high, the thermal shutdown (TSD) disables the chip operation, and the
chip state is in START-UP mode until no TSD event is present.(1)
NORMAL:
During NORMAL mode the user controls the chip using the Control Registers. If EN pin is set low,
the CHIP_EN bit is reset to 0.
POWER SAVE: In POWER SAVE mode analog blocks are disabled to minimize power consumption. See
Automatic Power Save for further information.
Figure 18. Modes of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com