Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 11Page - Texas Instruments LP5521 Datasheet HTML 12Page - Texas Instruments LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments LP5521 Datasheet HTML 16Page - Texas Instruments LP5521 Datasheet HTML 17Page - Texas Instruments LP5521 Datasheet HTML 18Page - Texas Instruments LP5521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
15
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3.3 Automatic Power Save
Automatic power save mode is enabled when PWRSAVE_EN bit in register address 08H is 1. Almost all analog
blocks are powered down in power save, if external clock is used. Only charge pump protection circuits remain
active. However if internal clock has been selected only charge pump and led drivers are disabled during power
save since digital part of the LED controller need to remain active. In both cases charge pump enters 'weak 1×'
mode. In this mode charge pump utilizes a passive current limited keep-alive switch, which keeps the output
voltage at battery level.
During program execution LP5521 can enter power save if there is no PWM activity in R, G and B outputs. To
prevent short power save sequences during program execution, LP5521 has command look-ahead filter. In every
instruction cycle R, G, B commands are analyzed, and if there is sufficient time left with no PWM activity, the
device enters power save. In power save program execution continues uninterruptedly. When a command that
requires PWM activity is executed, fast internal start-up sequence will be started automatically. Table 6 describe
commands and conditions that can activate power save. All channels (R,G,B) need to meet power save condition
in order to enable power save.
Table 6. LED Controller Operation
LED CONTROLLER OPERATION
MODE (R,G,B_MODE)
POWER SAVE CONDITION
00b
Disabled mode enables power save
01b
Load program to SRAM mode prevents power save
10b
Run program mode enables power save if there is no PWM activity and command
look-ahead filter condition is met
11b
Direct control mode enables power save if there is no PWM activity
COMMAND
POWER SAVE CONDITION
Wait
No PWM activity and current command wait time longer than 50 ms. If prescale = 1
then wait time needs to be longer than 80 ms.
Ramp
Ramp Command PWM value reaches minimum 0 and current command execution
time left more than 50 ms. If prescale = 1 then time left needs to be more than 80 ms.
Trigger
No PWM activity during wait for trigger command execution.
End
No PWM activity or Reset bit = 1
Set PWM
Enables power save if PWM set to 0 and next command generates at least 50 ms wait
Other commands
No effect to power save
See application note LP5521 Power Efficiency Considerations (SNVA185) for more information.
7.3.4 External Clock Detection
The presence of external clock can be detected by the LP5521. Program execution is clocked with internal 32
kHz clock or with external clock. Clocking is controlled with register address 08H bits, INT_CLK_EN and
CLK_DET_EN as seen on the following table.
External clock can be used if clock is present at CLK_32K pin. External clock frequency must be 32 kHz for the
program execution / PWM timing to be like specified. If higher or lower frequency is used, it will affect the
program engine execution speed. If other than 32 kHz clock frequency is used, the program execution timings
must be scaled accordingly. The external clock detector block only detects too low clock frequency (< 15 kHz). If
external clock frequency is higher than specified, the external clock detector notifies that external clock is
present. External clock status can be checked with read only bit EXT_CLK_USED in register address 0CH, when
the external clock detection is enabled (CLK_DET_EN bit = high). If EXT_CLK_USED = 1, then the external
clock is detected and it is used for timing, if automatic clock selection is enabled (see Table 7).
If external clock is stuck-at-zero or stuck-at-one, or the clock frequency is too low, the clock detector indicates
that external clock is not present.
If external clock is not used on the application, connect the CLK_32K pin to GND to prevent floating of this pin
and extra current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com