Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 29Page - Texas Instruments LP5521 Datasheet HTML 30Page - Texas Instruments LP5521 Datasheet HTML 31Page - Texas Instruments LP5521 Datasheet HTML 32Page - Texas Instruments LP5521 Datasheet HTML 33Page - Texas Instruments LP5521 Datasheet HTML 34Page - Texas Instruments LP5521 Datasheet HTML 35Page - Texas Instruments LP5521 Datasheet HTML 36Page - Texas Instruments LP5521 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.9 Configuration Control (CONFIG)
Address 08H
Reset value 00H
Table 29. CONFIG Register
7
6
5
4
3
2
1
0
PWM_HF
PWRSAVE_EN
CP_MODE[1:0]
R_TO_BATT
CLK_DET_EN
INT_CLK_EN
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
PWM_HF
6
R/W
High
PWM clock
0 = 256 Hz PWM clock used (CLK_32K)
1 = 558 Hz PWM clock used (internal oscillator)
PWRSAVE_EN
5
R/W
High
Power save mode enable
CP_MODE
4:3
R/W
Charge pump operation mode
00b = OFF
01b = Forced to bypass mode (1x)
10b = Forced to 1.5x mode
11b = Automatic mode selection
R_TO_BATT
2
R/W
High
R channel supply connection
0 = R output connected to charge pump
1 = R output connected to battery
CLK_DET_EN,
INT_CLK_EN
1:0
R/W
LED Controller clock source
00b = External clock source (CLK_32K)
01b = Internal clock
10b = Automatic selection
11b = Internal clock
7.6.10 R Channel Program Counter Value (R Channel PC)
Address 09H
Reset value 00H
Table 30. R Channel PC Register
7
6
5
4
3
2
1
0
R_PC[3]
R_PC[2]
R_PC[1]
R_PC[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
R_PC
3:0
R/W
R channel program counter value
PC registers are synchronized to a 32-kHz clock. Delay between consecutive I2C writes to PC registers needs to
be longer than 153 μs (typ.). PC register can be read or written only when EXEC mode is 'hold'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com