Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 38 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 34Page - Texas Instruments LP5521 Datasheet HTML 35Page - Texas Instruments LP5521 Datasheet HTML 36Page - Texas Instruments LP5521 Datasheet HTML 37Page - Texas Instruments LP5521 Datasheet HTML 38Page - Texas Instruments LP5521 Datasheet HTML 39Page - Texas Instruments LP5521 Datasheet HTML 40Page - Texas Instruments LP5521 Datasheet HTML 41Page - Texas Instruments LP5521 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
LP5521
MCU
COUT
1 PF
CIN
1 PF
SCL
SDA
CLK_32K
INT
ADDR_SEL0
ADDR_SEL1
TRIG
EN
VDD
GNDs
R
G
B
VOUT
CFLY1P
CFLY1N
CFLY2P
CFLY2N
RGB LED 0...25.5 mA/LED
GPO
Copyright © 2016, Texas Instruments Incorporated
38
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.1.3 Application Curves
Figure 27. Charge Pump Load Transient Response in 1.5×
Mode (0 to 25.5 mA)
Figure 28. Charge Pump Line Transient Response
1.5× Mode (VIN 3.5V to 4 V)
8.2.2 Application Without Charge Pump
In this application example the input voltage is high enough to drive the LEDs even without charge pump. In that
case the charge pump components are omitted, allowing savings on bill-of-material and also board space.
Charge pump must be set to 1× mode (bypass) in this case.
Figure 29. Typical Application Schematic Without Charge Pump
8.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
4.5 V to 5.5 V
LED VF (max)
3.6 V
LED current
25.5 mA maximum
Input capacitor
CIN = 1 μF
Output capacitor
COUT = 1 μF
Fly capacitors
none
Charge pump mode
1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com