Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 28 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 24Page - Texas Instruments LP5521 Datasheet HTML 25Page - Texas Instruments LP5521 Datasheet HTML 26Page - Texas Instruments LP5521 Datasheet HTML 27Page - Texas Instruments LP5521 Datasheet HTML 28Page - Texas Instruments LP5521 Datasheet HTML 29Page - Texas Instruments LP5521 Datasheet HTML 30Page - Texas Instruments LP5521 Datasheet HTML 31Page - Texas Instruments LP5521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
28
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6 Register Maps
Table 20. LP5521 Control Register Names and Default Values
ADDR
(HEX)
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00
ENABLE
LOG_EN
CHIP_EN
R_EXEC[1:0]
G_EXEC[1:0]
B_EXEC[1:0]
0000 0000
01
OP MODE
R_MODE[1:0]
G_MODE[1:0]
B_MODE[1:0]
0000 0000
02
R PWM
R_PWM[7:0]
0000 0000
03
G PWM
G_PWM[7:0]
0000 0000
04
B PWM
B_PWM[7:0]
0000 0000
05
R CURRENT
R_CURRENT[7:0]
1010 1111
06
G CURRENT
G_CURRENT[7:0]
1010 1111
07
B CURRENT
B_CURRENT[7:0]
1010 1111
08
CONFIG
PWM_HF
PWRSAVE_EN
CP_MODE[1:0]
R_TO_BATT
CLK_DET_EN
INT_CLK_EN
0000 0000
09
R PC
R_PC[3:0]
0000 0000
0A
G PC
G_PC[3:0]
0000 0000
0B
B PC
B_PC[3:0]
0000 0000
0C
STATUS
EXT_CLK_USED
R_INT
G_INT
B_INT
0000 0000
0D
RESET
RESET[7:0]
0000 0000
0E
GPO
INT_AS_GPO
GPO
INT
0000 0000
10
PROG MEM R
CMD_R1[15:8]
0000 0000
11
PROG MEM R
CMD_R1[7:0]
0000 0000
...
2E
PROG MEM R
CMD_R16[15:8]
0000 0000
2F
PROG MEM R
CMD_R16[7:0]
0000 0000
30
PROG MEM G
CMD_G1[15:8]
0000 0000
31
PROG MEM G
CMD_G1[7:0]
0000 0000
...
4E
PROG MEM G
CMD_G16[15:8]
0000 0000
4F
PROG MEM G
CMD_G16[7:0]
0000 0000
50
PROG MEM B
CMD_B1[15:8]
0000 0000
51
PROG MEM B
CMD_B1[7:0]
0000 0000
...
6E
PROG MEM B
CMD_B16[15:8]
0000 0000
6F
PROG MEM B
CMD_B16[7:0]
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com