Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments LP5521 Datasheet HTML 10Page - Texas Instruments LP5521 Datasheet HTML 11Page - Texas Instruments LP5521 Datasheet HTML 12Page - Texas Instruments LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
PROGRAM
MEMORY
I
2C
CHARGE PUMP
1x/1.5x
COUT
1 µF
CIN
1 µF
LP5521
0.47 µF
CFLY1
CFLY2
SCL
SDA
CLK_32K
INT
ADDR_SEL0
ADDR_SEL1
TRIG
EN
VDD
GND
VOUT
R
G
B
GPO
D
A
IDAC
VDD
VOUT
Control
BIAS
REF
TSD
POR
OSC
MCU
CLK
DET
VOUT
VOUT
VDD_ IO
Command based
PWM pattern generator
0.47 µF
Copyright © 2016, Texas Instruments Incorporated
11
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP5521 is a three-channel LED driver designed to produce variety of lighting effects for mobile devices. A
high-efficiency charge pump enables LED driving over full Li-Ion battery voltage range. The device has a
program memory for creating variety of lighting sequences. When program memory has been loaded, the
LP5521 can operate autonomously without processor control allowing power savings.
The device maintains excellent efficiency over a wide operating range by automatically selecting proper charge
pump gain based on LED forward voltage requirements. the LP5521 is able to automatically enter power-save
mode, when LED outputs are not active and thus lowering current consumption.
Three independent LED channels have accurate programmable current sources and PWM control. Each channel
has program memory for creating desired lighting sequences with PWM control.
The LP5521 has a flexible digital interface. A trigger I/O and 32-kHz clock input allow synchronization between
multiple devices. Interrupt output can be used to notify processor, when LED sequence has ended. LP5521 has
four pin-selectable I2C-compatible addresses. This allows connecting up to four parallel devices in one I2C-
compatible bus. GPO and INT pins can be used as a digital control pin for other devices.
The LP5521 requires only four small and low-cost ceramic capacitors.
Comprehensive application tools are available, including command compiler for easy LED sequence
programming.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com