Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments LP5521 Datasheet HTML 10Page - Texas Instruments LP5521 Datasheet HTML 11Page - Texas Instruments LP5521 Datasheet HTML 12Page - Texas Instruments LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments LP5521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Charge Pump
REG
1.5 x
1.5
[ 9¶
ROUT
VOUT
VIN
Copyright © 2016, Texas Instruments Incorporated
12
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Charge Pump Operational Description
The LP5521 includes a pre-regulated switched-capacitor charge pump with a programmable voltage
multiplication of 1 and 1.5×.
In 1.5× mode by combining the principles of a switched-capacitor charge pump and a linear regulator, the device
generates a regulated 4.5-V output from Li-Ion input voltage range. A two-phase non-overlapping clock
generated internally controls the operation of the charge pump. During the charge phase, both flying capacitors
(CFLY1 and CFLY2) are charged from input voltage. In the pump phase that follows, the flying capacitors are
discharged to output. A traditional switched capacitor charge pump operating in this manner uses switches with
very low on-resistance, ideally 0
Ω, to generate an output voltage that is 1.5× the input voltage. The LP5521
regulates the output voltage by controlling the resistance of the input-connected pass-transistor switches in the
charge pump.
7.3.1.1 Output Resistance
At lower input voltages, the charge pump output voltage may degrade due to effective output resistance (ROUT) of
the charge pump. The expected voltage drop can be calculated by using a simple model for the charge pump
shown in Figure 14.
Figure 14. Charge Pump Block Diagram
The model shows a linear pre-regulation block (REG), a voltage multiplier (1.5×), and an output resistance
(ROUT). Output resistance models the output voltage drop that is inherent to switched capacitor converters. The
output resistance is 3.5
Ω (typical) and is function of switching frequency, input voltage, capacitance value of the
flying capacitors, internal resistances of switches, and ESR of flying capacitors. When the output voltage is in
regulation, the regulator in the model controls the voltage V’ to keep the output voltage equal to 4.5 V (typical).
With increased output current, the voltage drop across ROUT increases. To prevent drop in output voltage, the
voltage drop across the regulator is reduced, V’ increases, and VOUT remains at 4.5 V. When the output current
increases to the point that there is zero voltage drop across the regulator, V’ equals the input voltage, and the
output voltage is on the edge of regulation. Additional output current causes the output voltage to fall out of
regulation, so that the operation is similar to a basic open-loop 1.5× charge pump. In this mode, output current
results in output voltage drop proportional to the output resistance of the charge pump. The out-of-regulation
output voltage can be approximated by: VOUT= 1.5 × VIN – IOUT × ROUT.
7.3.1.2 Controlling Charge Pump
The charge pump is controlled with two CP_MODE bits in register 08H. When both bits are low, the charge pump
is disabled, and the output voltage is pulled down with 300 k
Ω. Charge pump can be forced to bypass mode, so
that battery voltage is going directly to RGB outputs. In 1.5× mode output voltage is boosted to 4.5 V. In
automatic mode, charge pump operation mode is defined by LED outputs saturation described in LED Forward
Voltage Monitoring. Table 1 lists operation modes and selection bits.
Table 1. CONFIG Register (08H)
NAME
BIT
DESCRIPTION
CP_MODE
4:3
Charge pump operation mode
00b = OFF
01b = Forced to bypass mode (1×)
10b = Forced to 1.5× mode
11b = Automatic mode selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com