Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 3 Page - Texas Instruments

  LP5521 Datasheet HTML 1Page - Texas Instruments LP5521 Datasheet HTML 2Page - Texas Instruments LP5521 Datasheet HTML 3Page - Texas Instruments LP5521 Datasheet HTML 4Page - Texas Instruments LP5521 Datasheet HTML 5Page - Texas Instruments LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1
8
13
20
Pin 1
2
3
4
5
6
7
9
10
11
12
14
15
16
17
18
19
21
22
23
24
1
8
13
20
2
3
4
5
6
7
9
10
11
12
14
15
16
17
18
19
21
22
23
24
Pin 1
1
2
3
4
A
B
C
D
E
TRIG
SDA
SCL
EN
G
ADDR
SEL0
INT
R
ADDR
SEL1
B
CFLY
2P
CFLY
1P
CLK
32K
GND
VDD
GND
CFLY
2N
VOUT
CFLY
1N
GPO
1
2
3
4
E
D
C
B
A
TRIG
SDA
SCL
EN
G
ADDR
SEL0
INT
R
ADDR
SEL1
B
CFLY
2P
CFLY
1P
CLK
32K
GND
VDD
GND
CFLY
2N
VOUT
CFLY
1N
GPO
3
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFQ Package
20-Pin DSBGA
Top View
NJA Package
24-Pin WQFN
Top View
YFQ Package
20-Pin DSBGA
Bottom View
NJA Package
24-Pin WQFN
Bottom View
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
Pin Functions LP5521TM
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1A
B
A
Current source output
1B
G
A
Current source output
1C
R
A
Current source output
1D
SCL
I
I2C Serial interface clock input
1E
SDA
I/OD
I2C Serial interface data input/output
2A
VOUT
A
Charge pump output
2B
ADDR_SEL1
I
I2C address select input
2C
ADDR_SEL0
I
I2C address select input
2D
GPO
O
General purpose output
2E
EN
I
Chip enable
3A
CFLY2N
A
Negative terminal of charge pump fly capacitor 2
3B
CFLY1N
A
Negative terminal of charge pump fly capacitor 1
3C
GND
G
Ground
3D
CLK_32K
I
32-kHz clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com