Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 31 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 27Page - Texas Instruments LP5521 Datasheet HTML 28Page - Texas Instruments LP5521 Datasheet HTML 29Page - Texas Instruments LP5521 Datasheet HTML 30Page - Texas Instruments LP5521 Datasheet HTML 31Page - Texas Instruments LP5521 Datasheet HTML 32Page - Texas Instruments LP5521 Datasheet HTML 33Page - Texas Instruments LP5521 Datasheet HTML 34Page - Texas Instruments LP5521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
31
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.4 G Channel PWM Control (G_PWM)
Address 03H
Reset value 00H
Table 24. G PWM Register
7
6
5
4
3
2
1
0
G_PWM[7:0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
G_PWM
7:0
R/W
G Channel PWM value during direct control operation mode
7.6.5 B Channel PWM Control (B_PWM)
Address 04H
Reset value 00H
Table 25. B PWM Register
7
6
5
4
3
2
1
0
B_PWM[7:0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
B_PWM
7:0
R/W
B Channel PWM value during direct control operation mode
7.6.6 R Channel Current (R_CURRENT)
Address 05H
Reset Value AFH
Table 26. R CURRENT Register
7
6
5
4
3
2
1
0
R_CURRENT[7:0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
R_CURRENT
7:0
R/W
Current setting
0000 0000b = 0.0 mA
0000 0001b = 0.1 mA
0000 0010b = 0.2 mA
0000 0011b = 0.3 mA
0000 0100b = 0.4 mA
0000 0101b = 0.5 mA
0000 0110b = 0.6 mA
...
1010 1111b = 17.5 mA (default)
...
1111 1011b = 25.1 mA
1111 1100b = 25.2 mA
1111 1101b = 25.3 mA
1111 1110b = 25.4 mA
1111 1111b = 25.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com