Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 9Page - Texas Instruments LP5521 Datasheet HTML 10Page - Texas Instruments LP5521 Datasheet HTML 11Page - Texas Instruments LP5521 Datasheet HTML 12Page - Texas Instruments LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments LP5521 Datasheet HTML 16Page - Texas Instruments LP5521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Charge
Pump
Current
Source
Saturation
Monitor
Digital
Filter
Mode
Control
Command
Look-ahead
Program
Memory
Comparator
VOUT
VOFS
R/G/B
Control
Registers
PWM
MODE
Copyright © 2016, Texas Instruments Incorporated
13
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3.1.3 LED Forward Voltage Monitoring
When charge pump automatic mode selection is enabled, voltages over LED drivers are monitored. If drivers do
not have enough headroom, charge pump gain is set to 1.5×. Driver saturation monitor does not have a fixed
voltage limit, since saturation voltage is a function of temperature and current. Charge pump gain is set to 1×,
when battery voltage is high enough to supply all LEDs.
In automatic gain change mode, charge pump is switched to bypass mode (1×), when LEDs are inactive for over
50 ms.
Charge pump gain control utilizes digital filtering to prevent supply voltage disturbances from triggering gain
changes. If the R driver current source is connected to a battery (address 08H, bit R_TO_BATT = 1), voltage
monitoring is disabled in R output, but still functional in B and G outputs.
LED forward voltage monitoring and gain control block diagram is shown in Figure 15.
Figure 15. Voltage Monitoring Block Diagram for One Output
7.3.2 LED Driver Operational Description
The LP5521 LED drivers are constant current sources with 8-bit PWM control. Output current can be
programmed with I2C register up to 25.5 mA. Current setting resolution is 100 μA (8-bit control).
R driver has two modes: current source can be connected to the battery (VDD) or to the charge pump output. If a
current source is connected to the battery, automatic charge pump gain control is not used for this output. This
approach provides better efficiency when LED with low VF is connected to R driver, and battery voltage is high
enough to drive this LED in all conditions. R driver mode can be selected with I2C register bit. When address
08H, bit R_TO_BATT = 1, R current source is connected to battery. When it is 0 (default), R current source is
connected to charge pump same way as in G and B drivers. G and B drivers are always connected to charge
pump output.
Some LED configuration examples are given in Table 2. When LEDs with low VF are used, charge pump can be
operating in bypass mode (1×). This eliminates the need of having double drivers for all outputs; one connected
to battery and another connected to charge pump output. When LP5521 is driving a RGB LED, R channel can be
configured to use battery power. This configuration increases power efficiency by minimizing the voltage drop
across the LED driver.
Table 2. LED Configuration Examples
CONFIGURATION
R OUTPUT TO BATT
R OUTPUT TO CP
CP MODE
RGB LED with low VF red
X
Auto (1× or 1.5×)
3 × low VF LED
X
1×
3 × white LED
X
Auto (1× or 1.5×)
1 × low VF LED (R output)
X
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com