Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 2 Page - Texas Instruments

  LP5521 Datasheet HTML 1Page - Texas Instruments LP5521 Datasheet HTML 2Page - Texas Instruments LP5521 Datasheet HTML 3Page - Texas Instruments LP5521 Datasheet HTML 4Page - Texas Instruments LP5521 Datasheet HTML 5Page - Texas Instruments LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ..................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 6
6.6
Charge Pump Electrical Characteristics ................... 7
6.7
LED Driver Electrical Characteristics (R, G, B
Outputs) ..................................................................... 7
6.8
Logic Interface Characteristics.................................. 7
6.9
I2C Timing Requirements (SDA, SCL)...................... 8
6.10
Typical Characteristics ............................................ 9
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 18
7.5
Programming........................................................... 19
7.6
Register Maps ......................................................... 28
8
Application and Implementation ........................ 36
8.1
Application Information............................................ 36
8.2
Typical Applications ................................................ 36
8.3
Initialization Setup ................................................... 39
9
Power Supply Recommendations ...................... 40
10
Layout................................................................... 40
10.1
Layout Guidelines ................................................. 40
10.2
Layout Example .................................................... 40
11
Device and Documentation Support ................. 41
11.1
Device Support...................................................... 41
11.2
Documentation Support ........................................ 41
11.3
Receiving Notification of Documentation Updates 41
11.4
Community Resources.......................................... 41
11.5
Trademarks ........................................................... 41
11.6
Electrostatic Discharge Caution ............................ 41
11.7
Glossary ................................................................ 41
12
Mechanical, Packaging, and Orderable
Information ........................................................... 41
4 Revision History
Changes from Revision H (May 2016) to Revision I
Page
Changed wording of title ........................................................................................................................................................ 1
Changes from Revision G (September 2014) to Revision H
Page
Added several new Applications ............................................................................................................................................ 1
Changed Body Size of DSBGA package to MAX dimensions .............................................................................................. 1
Changed Handling Ratings to ESD Ratings table ................................................................................................................. 5
Changed RθJA value for DSBGA from 50 – 90°C/W to 70.7°C/W and WQFN from 37 – 90°C/W to 38.4°C/W; add
additional thermal information ................................................................................................................................................ 6
Added Community Resources ............................................................................................................................................. 41
Changes from Revision F (February 2013) to Revision G
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com