Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 31Page - Texas Instruments LP5521 Datasheet HTML 32Page - Texas Instruments LP5521 Datasheet HTML 33Page - Texas Instruments LP5521 Datasheet HTML 34Page - Texas Instruments LP5521 Datasheet HTML 35Page - Texas Instruments LP5521 Datasheet HTML 36Page - Texas Instruments LP5521 Datasheet HTML 37Page - Texas Instruments LP5521 Datasheet HTML 38Page - Texas Instruments LP5521 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.14 RESET Register
Address 0DH
Reset value 00H
Table 34. RESET Register
7
6
5
4
3
2
1
0
RESET
RESET
RESET
RESET
RESET
RESET
RESET
RESET
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
RESET
7:0
W
Reset all register values when FFH is written. No acknowledge from LP5521
after write.
7.6.15 GPO Register
Address 0EH
Reset value 00H
Table 35. GPO Register
7
6
5
4
3
2
1
0
INT_AS_GPO
GPO
INT
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
INT_AS_GPO
2
R/W
High
Enable INT pin GPO function
GPO
1
R/W
High
GPO pin state:
0 = LOW
1 = HIGH
INT
0
R/W
High
INT pin state (when INT_AS_GPO=1):
0 = LOW
1 = HIGH
7.6.16 Program Memory
Address 10H – 6FH
Reset values 00H
Please see LED Controller Programming Commands for further information.
Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Ramp
Wait
0
Pre-
scale
Step time
Sign
Increment
Set PWM
0
1
0
PWM Value
Go toStart
0
0
0
0
0
0
0
0
0
0
0
Branch
1
0
1
Loop Count
X
Step number
End
1
1
0
Int
Reset
X
Trigger
1
1
1
Wait for trigger on channels 5-0
Send trigger on channels 5-0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com