Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 20Page - Texas Instruments LP5521 Datasheet HTML 21Page - Texas Instruments LP5521 Datasheet HTML 22Page - Texas Instruments LP5521 Datasheet HTML 23Page - Texas Instruments LP5521 Datasheet HTML 24Page - Texas Instruments LP5521 Datasheet HTML 25Page - Texas Instruments LP5521 Datasheet HTML 26Page - Texas Instruments LP5521 Datasheet HTML 27Page - Texas Instruments LP5521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 12. ENABLE Register (00H) (continued)
NAME
BIT
DESCRIPTION
B_EXEC
1:0
B channel program execution
00b = Hold: Wait until current command is finished then stop while EXEC mode is hold. PC can be read
or written only in this mode.
01b = Step: Execute instruction defined by current B channel PC value, increment PC and change
B_EXEC to 00b (Hold)
10b = Run: Start at program counter value defined by current B channel PC value
11b = Execute instruction defined by current B channel PC value and change B_EXEC to 00b (Hold)
EXEC registers are synchronized to 32-kHz clock. Delay between consecutive I2C writes to ENABLE register
(00H) need to be longer than 488 μs (typ.).
7.5.2.3.1
DIRECT Control
When R, G or B channel mode is set to 11b, the LP5521 drivers work in direct control mode. LP5521 LED
channels can be controlled independently through I2C. For each channel there is a PWM control register and a
output current control register. With output current control register is set what is the maximum output current with
8-bit resolution, step size is 100 μA. Duty cycle can be set with 8-bit resolution. Direct control mode resets
respective channel’s PC. PWM control bits are presented in Table 13:
Table 13. R_PWM Register (02H), G_PWM Register (03H), B_PWM Register (04H):
NAME
BIT
DESCRIPTION
PWM
7:0
LED PWM value during direct control operation mode
0000 0000b = 0%
1111 1111b = 100%
If charge pump automatic gain change is used in this mode, then PWM values need to be written 0 before
changing the drivers’ operation mode to disabled (00b) to ensure proper automatic gain change operation.
7.5.3 LED Controller Programming Commands
LP5521 has three independent programmable channels (R, G, B). Trigger connections between channels are
common for all channels. All channels have own program memories for storing complex patterns. Brightness
control and patterns are done with 8-bit PWM control (256 steps) to get accurate and smooth color control.
Program execution is timed with 32 768 Hz clock. This clock can be generated internally or external 32 kHz clock
can be connected to CLK_32K pin. Using external clock enables synchronization of LED timing to this clock
rather than internal clock. Selection of the clock is made with address 08H bits INT_CLK_EN and CLK_DET_EN.
See External Clock Detection for details.
Supported commands are listed in Table 14. Command compiler is available for easy sequence
programming. With Command compiler it is possible to write sequences with simple ASCII commands,
which are then converted to binary or hex format. See application note "LP5521 Programming
Considerations" for examples of Command compiler usage.
Table 14. LED Controller Programming Commands
Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Ramp
Wait
0
Pre-
scale
Step time
Sign
Increment (number of steps)
Set PWM
0
1
0
PWM Value
Go to
Start
0
0
0
0
0
0
0
0
0
0
0
Branch
1
0
1
Loop count
x
Step / command number
End
1
1
0
Int
Reset
X
Trigger
1
1
1
Wait for trigger on channels 5-0
Send trigger on channels 5-0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com