Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5521
Description  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 13Page - Texas Instruments LP5521 Datasheet HTML 14Page - Texas Instruments LP5521 Datasheet HTML 15Page - Texas Instruments LP5521 Datasheet HTML 16Page - Texas Instruments LP5521 Datasheet HTML 17Page - Texas Instruments LP5521 Datasheet HTML 18Page - Texas Instruments LP5521 Datasheet HTML 19Page - Texas Instruments LP5521 Datasheet HTML 20Page - Texas Instruments LP5521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.3.5.3 TRIG Pin
The TRIG pin can function as an external trigger input or output. External trigger signal is active low; that is,
when trigger is sent or received the pin is pulled to GND. TRIG is an open-drain pin and external pullup resistor
is needed for trigger line. External trigger input signal must be at least two 32-kHz clock cycles long to be
recognized. Trigger output signal is three 32-kHz clock cycles long. If TRIG pin is not used on application,
connected the TRIG pin to GND to prevent floating of this pin and extra current consumption.
7.3.5.4 ADDR_SEL0,1 Pins
The ADDR_SEL0,1 pins define the chip I2C address. Pins are referenced to VDD signal level. See I
2C-Compatible
Serial Bus Interface for I2C address definitions.
7.3.5.5 CLK_32K Pin
The CLK_32K pin is used for connecting an external 32-kHz clock to LP5521. External clock can be used to
synchronize the sequence engines of several LP5521. Using external clock can also improve automatic power
save mode efficiency, because internal clock can be switched off automatically when device has entered power
save mode, and external clock is present. See application note LP5521 Power Efficiency Considerations
(SNVA185) for more information.
Device can be used without the external clock. If external clock is not used on the application, connect the
CLK_32K pin to GND to prevent floating of this pin and extra current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com