Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet (PDF) - Texas Instruments

BQ27Z561YPHR-R2 Datasheet PDF - Texas Instruments
Part # BQ27Z561YPHR-R2
Download  BQ27Z561YPHR-R2 Download
File Size   1133.51 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs

BQ27Z561YPHR-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27Z561YPHR-R2 Datasheet PDF - Texas Instruments

Part # BQ27Z561YPHR-R2
Download  BQ27Z561YPHR-R2 Click to download

File Size   1133.51 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs

BQ27Z561YPHR-R2 Datasheet (HTML) - Texas Instruments


BQ27Z561YPHR-R2 Product details

1 Features
• Supports high-side and low-side current sense
resistors down to 1 mΩ
• Supports pack-side gauging including enhanced
state of health (SOH) algorithm
• Fast QMax update option based on predicted OCV
• SHA-256 authentication responder for increased
battery pack security
• Sophisticated charge algorithms
– JEITA
– Enhanced charging
– RSOC() charging compensation option
• Two independent ADCs
– Support for simultaneous current and voltage
sampling
– High-accuracy coulomb counter with input
offset error < 1 μV (typical)
• Low-voltage (2-V) operation
• Wide-range current applications (1 mA to > 5 A)
• Active high or low pulse or level interrupt pin
• Supports battery trip point (BTP)
• Reduced power modes (typical battery pack
operating range conditions)
– Typical SLEEP mode: < 11 μA
– Typical DEEP SLEEP mode: < 9 μA
– Typical HIBERNATE mode: < 3 μA
– Typical OFF mode: < 1.9 μA
• Internal and external temperature sense functions
• Diagnostic lifetime data monitor and black box
recorder
• 400-kHz I2C bus communications interface for
high-speed programming and data access
• HDQ one-wire for communication with host
• Compact 12-pin DSBGA package (YPH)

2 Applications
• Smartphones
• Digital still cameras and video cameras
• Tablet computing
• Portable and wearable health devices
• Portable audio devices

3 Description
The Texas Instruments BQ27Z561-R2 Impedance
Track™ gas gauge solution is a highly integrated,
accurate 1-series cell gas gauge with a flash
programmable custom reduced instruction-set CPU
(RISC) and SHA-256 authentication for Li-ion and
Li-polymer battery packs. The 1-series cell capability
includes parallel cells for increased capacity.
The BQ27Z561-R2 gas gauge communicates through
I2C-compatible and HDQ one-wire interfaces and
includes several key features that can help facilitate
accurate gas gauging applications. Integrated
temperature sense functions (internal and external
options) enable system and battery temperature
measurements.




Similar Part No. - BQ27Z561YPHR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z561YPHR-R2 TI-BQ27Z561YPHR-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
More results


Similar Description - BQ27Z561YPHR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com