Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 5 Page - Texas Instruments

  BQ27Z561YPHR-R2 Datasheet HTML 1Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 2Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
7.4 Thermal Information
Over-operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(1)
BQ27Z561-R2
UNIT
DSBGA (YPH)
(12 PINS)
RθJA
Junction-to-ambient thermal resistance
64.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.8
RθJB
Junction-to-board thermal resistance
52.7
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
28.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics Application
Report.
7.5 Supply Current
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INORMAL
Standard operating conditions
60
µA
ISLEEP
Sense resistor current below SLEEP mode threshold
11
µA
IDEEPSLEEP
Sense resistor current below DEEP SLEEP mode threshold
9
µA
IHIBERNATE
CE = VIH, OFF state with ability to wake from valid communication
3
µA
IOFF
CE = VIL
0.5
µA
7.6 Internal 1.8-V LDO (REG18)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG18
Regulator output voltage
1.6
1.8
2.0
V
VPORth
POR threshold
Rising threshold
1.45
1.7
V
VPORhy
POR hysteresis
0.1
V
7.7 I/O (PULS, INT)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
VREG18 = 1.8 V
1.15
V
VIL
Low-level input voltage low
VREG18 = 1.8 V
0.50
V
VOL
Output voltage low
VREG18 = 1.8 V, IOL = 1 mA
0.4
V
CI
Input capacitance
5
pF
Ilkg
Input leakage current
1
µA
7.8 Chip Enable (CE)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage (assured by
design)
VREG18 = 1.8 V
0.75 × VBAT
V
VIL
Low-level input voltage low (assured
by design)
VREG18 = 1.8 V
0.25 × VBAT
V
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com