Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2 Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
• DEEP SLEEP mode: In this mode, the current is reduced slightly while current and voltage are still measured
periodically, with a user-defined time between reads.
• HIBERNATE mode: In this mode, the device is completely disabled with CE remaining high. This mode is
exited upon two valid communications within a specified time window.
• OFF mode: The device is completely disabled by pulling CE low. CE disables the internal voltage rail. All
nonvolatile memory is unprotected.
8.4.1 Lifetime Logging Features
The device supports data logging of several key parameters for warranty and analysis:
• Maximum and minimum cell temperature
• Maximum current in CHARGE or DISCHARGE mode
• Maximum and minimum cell voltages
• Total run time (This data is stored with a resolution of two hours.)
• Time spent different temperature ranges (This data is stored with a resolution of two hours.)
8.4.2 Configuration
The device supports accurate data measurements and data logging of several key parameters.
8.4.2.1 Coulomb Counting
The device uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement. The ADC
measures charge and discharge flow of the battery by measuring the voltage across a very small external sense
resistor. The integrating ADC measures a bipolar signal from a range of –100 mV to 100 mV, with a positive
value when V(SRP) – V(SRN), indicating charge current and a negative value indicating discharge current.
The current measurement is performed by measuring the voltage drop across the external sense resistor, which
can be as low as 1 mΩ, and the polarity of the differential voltage determines if the cell is in the CHARGE or
DISCHARGE mode.
8.4.2.2 Cell Voltage Measurements
The BQ27Z561-R2 gas gauge measures the cell voltage at 1-s intervals using the ADC. This measured value
is internally scaled for the ADC and is calibrated to reduce any errors due to offsets. This data is also used for
calculating the impedance of the cell for Impedance Track gas gauging.
8.4.2.3 Auto Calibration
The auto-calibration feature helps to cancel any voltage offset across the SRP and SRN pins for accurate
measurement of the cell voltage, charge/discharge current, and thermistor temperature. The auto-calibration is
performed when there is no communication activity for a minimum of 5 s on the bus lines.
8.4.2.4 Temperature Measurements
This device has an internal sensor for on-die temperature measurements, and the ability to support an external
temperature measurement via the external NTC on the TS pin. These two measurements are individually
enabled and configured.
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The BQ27Z561-R2 gas gauge can be used with a 1-series Li-ion/Li-polymer battery pack. To implement and
design a comprehensive set of parameters for a specific battery pack, the user needs Battery Management
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com