Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27Z561YPHR-R2 Datasheet HTML 1Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 2Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input Voltage
BAT
–0.3
6
V
INT, PULS, CE
–0.3
6
V
SRP, SRN, BAT_SNS
–0.3
VBAT + 0.3
V
TS
–0.3
2.1
V
SCL, SDA/HDQ
–0.3
6
V
Operating ambient temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) on all pins, per ANSI/ESDA/
JEDEC JS-001(1)
±1500
V
Charged-device model (CDM) on all pins, per ANSI/ESDA/
JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM enables safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM enables safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
MIN
NOM
MAX
UNIT
VBAT
Supply voltage
No operating restrictions
2.0
5.5
V
CBAT
External capacitor from BAT to
VSS
1
µF
VTS
Temperature sense
0
1.8
V
VPULS,
VINT, VCE
Input and output pins
0
VBAT
V
VSCL,
VSDA/HDQ
Communication pins
0
VBAT
V
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com