Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2 Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 19Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
CE
BAT
VSS
SDA/HDQ
SCL
INT
PULS
TS
BAT_SNS
PACK+
PACK-
+
-
Protector
IC
Ba ery
Thermistor
10 k
1 µF
Tie to CPU for
direct control
NU
SRN
SRP
0.1 µF
RSENSE
1 m
RSRP
RSRN
Figure 9-2. BQ27Z561-R1 Typical Implementation with High-side Current Sensing
9.2.1 Design Requirements (Default)
DESIGN PARAMETER
EXAMPLE
Cell Configuration
1s1p (1 series with 1 parallel)
Design Capacity
5300 mAh
Device Chemistry
li-ion
Design Voltage
4000 mV
Cell Low Voltage
2500 mV
9.2.2 Detailed Design Procedure
9.2.2.1 Changing Design Parameters
For the firmware settings needed for the design requirements, refer to the BQ27Z561-R2 Technical Reference
Manual.
• To change design capacity, set the data flash value (in mAh) in the Gas Gauging: Design: Design Capacity
register.
• To set device chemistry, go to the data flash I2C Configuration: Data: Device Chemistry. The BQSTUDIO
software automatically populates the correct chemistry identification. This selection is derived from using the
BQCHEM feature in the tools and choosing the option that matches the device chemistry from the list.
• To set the design voltage, go to Gas Gauging: Design: Design Voltage register.
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com