Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2 Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 9Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
10
pF
Ilkg
Input leakage current
1
µA
7.18 I2C Timing — 100 kHz
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSCL
Clock operating frequency
SCL duty cycle = 50%
100
kHz
tHD:STA
Start condition hold time
4.0
µs
tLOW
Low period of the SCL Clock
4.7
µs
tHIGH
High period of the SCL Clock
4.0
µs
tSU:STA
Setup repeated START
4.7
µs
tHD:DAT
Data hold time (SDA input)
0
ns
tSU:DAT
Data setup time (SDA input)
250
ns
tr
Clock rise time
10% to 90%
1000
ns
tf
Clock fall time
90% to 10%
300
ns
tSU:STO
Setup time STOP condition
4.0
µs
tBUF
Bus free time STOP to
START
4.7
µs
7.19 I2C Timing — 400 kHz
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSCL
Clock operating frequency
SCL duty cycle = 50%
400
kHz
tHD:STA
START condition hold time
0.6
µs
tLOW
Low period of the SCL Clock
1.3
µs
tHIGH
High period of the SCL Clock
600
ns
tSU:STA
Setup repeated START
600
ns
tHD:DAT
Data hold time (SDA input)
0
ns
tSU:DAT
Data setup time (SDA input)
100
ns
tr
Clock rise time
10% to 90%
300
ns
tf
Clock fall time
90% to 10%
300
ns
tSU:STO
Setup time STOP condition
0.6
µs
tBUF
Bus free time STOP to
START
1.3
µs
7.20 HDQ Timing
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tB
Break time
190
µs
tBR
Break recovery time
40
µs
tHW1
Host write 1 time
Host drives HDQ
0.5
50
µs
tHW0
Host write 0 time
Host drives HDQ
86
145
µs
tCYCH
Cycle time, host to device
Device drives HDQ
190
µs
tCYCD
Cycle time, device to Host
Device drives HDQ
190
205
250
µs
tDW1
Device write 1 time
Device drives HDQ
32
50
µs
tDW0
Device write 0 time
Device drives HDQ
80
145
µs
tRSPS
Device response time
Device drives HDQ
190
950
µs
tTRND
Host turn around time
Host drives HDQ after device drives
HDQ
250
µs
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com