Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHR-R2 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ27Z561YPHR-R2
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 19Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 20Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 21Page - Texas Instruments BQ27Z561YPHR-R2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
9.3 Power Supply Recommendations
The only power supply is the BAT pin, which is connected to the positive terminal of the battery. The input
voltage for the BAT pin will have a minimum of 2 V to a maximum of 5 V.
9.4 Layout
9.4.1 Layout Guidelines
• The quality of the Kelvin connections at the sense resistor is critical. The sense resistor must have a
temperature coefficient no greater than 50 ppm to minimize current measurement drift with temperature.
Choose the value of the sense resistor to correspond to the available overcurrent and short-circuit ranges of
the BQ27Z561-R2 gas gauge. Select the smallest value possible to minimize the negative voltage generated
on the BQ27Z561-R2 VSS node during a short circuit. This pin has an absolute minimum of –0.3 V. Parallel
resistors can be used as long as good Kelvin sensing is ensured. The device is designed to support a 1-mΩ
to 3-mΩ sense resistor.
• BAT_SNS should be tied directly to the positive connection of the battery. It should not share a path with the
BAT pin.
• In reference to the gas gauge circuit the following features require attention for component placement and
layout: differential low-pass filter and I2C communication.
• The BQ27Z561-R2 gas gauge uses an integrating delta-sigma ADC for current measurements. Add a 100-Ω
resistor from the sense resistor to the SRP and SRN inputs of the device. Place a 0.1-μF filter capacitor
across the SRP and SRN inputs. If required for a circuit, 0.1-µF filter capacitors can be added for additional
noise filtering for each sense input pin to ground. Place all filter components as close as possible to the
device. Route the traces from the sense resistor in parallel to the filter circuit. Adding a ground plane around
the filter network can provide additional noise immunity.
• The BQ27Z561-R2 has an internal LDO that is internally compensated and does not require an external
decoupling capacitor.
• The I2C clock and data pins have integrated high-voltage ESD protection circuits; however, adding a Zener
diode and series resistor provides more robust ESD performance. The I2C clock and data lines have an
internal pulldown. When the gas gauge senses that both lines are low (such as during removal of the pack),
the device performs auto-offset calibration and then goes into SLEEP mode to conserve power.
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com