Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE984 Datasheet (PDF) - OSRAM GmbH

DSE984 Datasheet PDF - OSRAM GmbH
Part # DSE984
Download  DSE984 Download
File Size   234.6 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S/E 9 W/840

DSE984 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSE984 Datasheet PDF - OSRAM GmbH

Part # DSE984
Download  DSE984 Click to download

File Size   234.6 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S/E 9 W/840

DSE984 Datasheet (HTML) - OSRAM GmbH


DSE984 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index R
a
: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamps with single-turn tubes
Single-ended four-pin plug-in 2G7 base
Operates on battery, solar and AC power with suitable electronic control gear




Similar Part No. - DSE984

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSE9130 DSE-DSE9130 Datasheet
638Kb / 2P
COMPACT BATTERY CHARGERS
DSE9470 DSE-DSE9470 Datasheet
229Kb / 2P
24 Volt, 10 Amp Battery Charger
DSE9474 DSE-DSE9474 Datasheet
114Kb / 2P
INTELLIGENT BATTERY CHARGERS
DSE9476 DSE-DSE9476 Datasheet
548Kb / 2P
INTELLIGENT BATTERY CHARGER 24 V 20 AMP
More results


Similar Description - DSE984

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7849 SANYO-LA7849 Datasheet
230Kb / 2P
E/W DRIVE
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
Powerbox
PBN7C POWERBOX-PBN7C Datasheet
257Kb / 1P
7 4 - 2 9 4 WAT T S T H R E E S T E P C H A R G E R
logo
PETERMANN-TECHNIK
SXO18LP PETERMANN-SXO18LP Datasheet
852Kb / 3P
SXO18LP-03025-S-E-50-W
logo
Adels-Contact
332982 ADELS-332982 Datasheet
111Kb / 1P
GSK 840 E VO/ 2 green printed "Earth"||" "1214053
GSK 840 E VO/ 3 green printed "Earth"||" "1214054
332983 ADELS-332983 Datasheet
111Kb / 1P
GSK 840 E VO/ 3 green printed
10/02/2020
332984 ADELS-332984 Datasheet
111Kb / 1P
GSK 840 E VO/ 4 green printed "Earth"||" "1214399
GSK 840 E VO/ 5 green printed "Earth"||" "1214400
332985 ADELS-332985 Datasheet
111Kb / 1P
GSK 840 E VO/ 5 green printed "Earth"
10/02/2020
332986 ADELS-332986 Datasheet
111Kb / 1P
GSK 840 E VO/ 6 green printed "Earth"
10/02/2020
logo
Weidmuller
2911220000 WEIDMULLER-2911220000 Datasheet
450Kb / 4P
CH-W-S-A22-P7.5-E
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com