Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE984 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DSE984
Description  DULUX S/E 9 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE984 Datasheet(HTML) 5 Page - OSRAM GmbH

  DSE984 Datasheet HTML 1Page - OSRAM GmbH DSE984 Datasheet HTML 2Page - OSRAM GmbH DSE984 Datasheet HTML 3Page - OSRAM GmbH DSE984 Datasheet HTML 4Page - OSRAM GmbH DSE984 Datasheet HTML 5Page - OSRAM GmbH DSE984 Datasheet HTML 6Page - OSRAM GmbH DSE984 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Lamp-ECG combination (System)
Product name
Product name ECG
EAN
Nominal current
Nominal wattage
+ Power loss
Luminous flux at
25 °C
Number of
lighting outlets
DULUX S/E 9W/840 2G7
DT-S/E 5-11/220-240 L
4008321181473
0.08 A
10.50 W
600 lm
1
DT-S/E 5-11/220-240 S
4008321181459
0.08 A
10.50 W
600 lm
1
QT-ECO 1x4-16/220-240 L
4050300660370
0.07 A
10.00 W
600 lm
1
QT-ECO 1x4-16/220-240 S
4050300638584
0.07 A
10.00 W
600 lm
1
QT-ECO 2x5-11/220-240 S
4050300821504
0.13 A
18.00 W
550 lm
2
QTP-D/E 1x10-13
4008321181572
0.05 A
9.50 W
600 lm
1
QTP-D/E 2x10-13
4008321181596
0.09 A
18.00 W
600 lm
2
Product datasheet
__
August 25, 2014, 16:39:16
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 9 W/840
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com