Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE984 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DSE984
Description  DULUX S/E 9 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE984 Datasheet(HTML) 3 Page - OSRAM GmbH

  DSE984 Datasheet HTML 1Page - OSRAM GmbH DSE984 Datasheet HTML 2Page - OSRAM GmbH DSE984 Datasheet HTML 3Page - OSRAM GmbH DSE984 Datasheet HTML 4Page - OSRAM GmbH DSE984 Datasheet HTML 5Page - OSRAM GmbH DSE984 Datasheet HTML 6Page - OSRAM GmbH DSE984 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product line drawing
Base
Overall length
144.0 mm
Product weight
26.20 g
Tube diameter
12 mm
Length
144.0 mm
Length acc. to IEC standard
145 mm
Length with base excl. base pins/connection
144.00 mm
Colors & materials
Lamp mercury content
1.4 mg
Temperatures
Rated ambient temp.w.max.luminous flux
25.0 °C
Lifespan
Nominal lamp life time
20000 h
Rated lamp life time
20000 h
Service life
13000 h 1)
Rated lamp survival factor at 2,000 h
0.99
Rated lamp survival factor at 4,000 h
0.99
Rated lamp survival factor at 6,000 h
0.99
Rated lamp survival factor at 8,000 h
0.99
Rated lamp survival factor at 12,000 h
0.95
Rated lamp survival factor at 16,000 h
0.81
Rated lamp survival factor at 20,000 h
0.50
Operation mode LLMF/LSF
HF
Lifespan
20000 h 1)
Product datasheet
__
August 25, 2014, 16:39:16
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 9 W/840
Page 3 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com