Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE984 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DSE984
Description  DULUX S/E 9 W/840
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE984 Datasheet(HTML) 4 Page - OSRAM GmbH

  DSE984 Datasheet HTML 1Page - OSRAM GmbH DSE984 Datasheet HTML 2Page - OSRAM GmbH DSE984 Datasheet HTML 3Page - OSRAM GmbH DSE984 Datasheet HTML 4Page - OSRAM GmbH DSE984 Datasheet HTML 5Page - OSRAM GmbH DSE984 Datasheet HTML 6Page - OSRAM GmbH DSE984 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1) With preheat ECG
Additional product data
Spectral power distribution
Base (standard designation)
2G7
Appropriate disposal acc. to WEEE
Yes
Footnote only for product
For ECG operation only
Capabilities
Suitable for indoor
Yes
Certificates & standards
Energy efficiency class
A
Country specific categorizations
ILCOS
FSDH-9/840-/P/-2G7
Country specific information
Product code
METEL code
SEG number
STK number
UK Org
4050300020174
OSRDSE9840
8330060
4933953
-
Product datasheet
__
August 25, 2014, 16:39:16
© 2014, OSRAM GmbH. All rights reserved.
DULUX S/E 9 W/840
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com