Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2484 Datasheet (PDF) - OSRAM GmbH

DL2484 Datasheet PDF - OSRAM GmbH
Part # DL2484
Download  DL2484 Download
File Size   206.86 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 24 W/840 2G11

DL2484 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL2484 Datasheet PDF - OSRAM GmbH

Part # DL2484
Download  DL2484 Click to download

File Size   206.86 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 24 W/840 2G11

DL2484 Datasheet (HTML) - OSRAM GmbH


DL2484 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index R
a
: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue




Similar Part No. - DL2484

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DL2482 OSRAM-DL2482 Datasheet
419Kb / 82P
Economical long-life light sources with plug-in bases
More results


Similar Description - DL2484

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8661 SATCO-S8661 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8662 SATCO-S8662 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com