Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2484 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DL2484
Description  DULUX L 24 W/840 2G11
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2484 Datasheet(HTML) 5 Page - OSRAM GmbH

  DL2484 Datasheet HTML 1Page - OSRAM GmbH DL2484 Datasheet HTML 2Page - OSRAM GmbH DL2484 Datasheet HTML 3Page - OSRAM GmbH DL2484 Datasheet HTML 4Page - OSRAM GmbH DL2484 Datasheet HTML 5Page - OSRAM GmbH DL2484 Datasheet HTML 6Page - OSRAM GmbH DL2484 Datasheet HTML 7Page - OSRAM GmbH DL2484 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lamp-ECG combination (System)
Product name
Product name ECG
EAN
Nominal current
Nominal wattage
+ Power loss
Luminous flux at
35 °C
Number of
lighting outlets
DULUX L 24W/840 2G11
QT-ECO 1x18-24/220-240
L
4050300660417
0.16 A
22.50 W
1600 lm
1
QT-ECO 1x18-24/220-240
S
4050300638560
0.16 A
22.50 W
1600 lm
1
QT-M 2x26-42/220-240 S
4008321110022
0.23 A
54.00 W
1750 lm
2
QTP-DL 1x18-24
4008321117861
0.115 A
26.00 W
1800 lm
1
QTP-DL 2x18-24
4008321117885
0.22 A
49.00 W
1800 lm
2
QTP-M 1x26-42
4008321329134
0.12 A
25.00 W
1750 lm
1
QTP-M 2x26-32
4008321329158
0.22 A
48.00 W
1750 lm
2
QTP-OPTIMAL 1x18-40
4008321873743
0.12 A
27.00 W
1750 lm
1
QTP-OPTIMAL 2x18-40
4008321873767
0.23 A
53.00 W
1750 lm
2
QTi 1x14/24 DIM
4050300870922
0.11 A
25.00 W
1800 lm
1
QTi 2x14/24 DIM
4050300870946
0.22 A
49.00 W
1800 lm
2
QTi 3x14/24 DIM
4008321069719
0.32 A
73.00 W
1800 lm
3
QTi 4x14/24 DIM
4008321069993
0.43 A
98.00 W
1800 lm
4
QTi DALI 1x14/24 DIM
4050300870380
0.11 A
25.00 W
1600 lm
1
QTi DALI 2x14/24 DIM
4050300870861
0.22 A
49.00 W
1800 lm
2
QTi DALI 3x14/24 DIM
4008321069955
0.32 A
73.00 W
1800 lm
3
QTi DALI 4x14/24 DIM
4008321070036
0.43 A
98.00 W
1800 lm
4
QTi DALI-T/E 1x18-57 DIM
4008321060808
0.12 A
26.00 W
1200 lm
1
Product datasheet
__
August 25, 2014, 12:57:05
© 2014, OSRAM GmbH. All rights reserved.
DULUX L 24 W/840 2G11
Page 5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com