Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2484 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DL2484
Description  DULUX L 24 W/840 2G11
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2484 Datasheet(HTML) 1 Page - OSRAM GmbH

  DL2484 Datasheet HTML 1Page - OSRAM GmbH DL2484 Datasheet HTML 2Page - OSRAM GmbH DL2484 Datasheet HTML 3Page - OSRAM GmbH DL2484 Datasheet HTML 4Page - OSRAM GmbH DL2484 Datasheet HTML 5Page - OSRAM GmbH DL2484 Datasheet HTML 6Page - OSRAM GmbH DL2484 Datasheet HTML 7Page - OSRAM GmbH DL2484 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product benefits
Very economical
Outstanding luminous flux
Outstanding luminous efficiency
Long service life
OSRAM System+ Guarantee in combination with OSRAM QUICKTRONIC ECG
Less than half as long as tubular fluorescent lamps
Improved maintenance
Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index Ra: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue
Product datasheet
DULUX L 24 W/840 2G11
OSRAM DULUX L LUMILUX | CFLni, with 4-pin 2G11 base for ECG/CCG operation
Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry
__
August 25, 2014, 12:57:05
© 2014, OSRAM GmbH. All rights reserved.
DULUX L 24 W/840 2G11
Page 1 of 8


Similar Part No. - DL2484

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DL2482 OSRAM-DL2482 Datasheet
419Kb / 82P
Economical long-life light sources with plug-in bases
More results

Similar Description - DL2484

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8661 SATCO-S8661 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8662 SATCO-S8662 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com