Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2484 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DL2484
Description  DULUX L 24 W/840 2G11
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2484 Datasheet(HTML) 4 Page - OSRAM GmbH

  DL2484 Datasheet HTML 1Page - OSRAM GmbH DL2484 Datasheet HTML 2Page - OSRAM GmbH DL2484 Datasheet HTML 3Page - OSRAM GmbH DL2484 Datasheet HTML 4Page - OSRAM GmbH DL2484 Datasheet HTML 5Page - OSRAM GmbH DL2484 Datasheet HTML 6Page - OSRAM GmbH DL2484 Datasheet HTML 7Page - OSRAM GmbH DL2484 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Spectral power distribution
Base (standard designation)
2G11
Appropriate disposal acc. to WEEE
Yes
Footnote only for product
For ECG and CCG operation
Capabilities
Suitable for indoor
Yes
Certificates & standards
Energy efficiency class
A
Country specific categorizations
ILCOS
FSD-24/840-E-2G11-43,9/317
Country specific information
Product code
METEL code
SEG number
STK number
UK Org
4050300010755
OSRDL24840
8330452
4933884
-
Product datasheet
__
August 25, 2014, 12:57:05
© 2014, OSRAM GmbH. All rights reserved.
DULUX L 24 W/840 2G11
Page 4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com