Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet (PDF) - Texas Instruments

INA701 Datasheet PDF - Texas Instruments
Part # INA701
Download  INA701 Download
File Size   1948.39 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology

INA701 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA701 Datasheet PDF - Texas Instruments

Part # INA701
Download  INA701 Click to download

File Size   1948.39 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology

INA701 Datasheet (HTML) - Texas Instruments


INA701 Product details

1 Features
• Low loss integrated shunt resistor
– Internal resistance: 5mΩ at TA = 25°C
– Current rating: ±6A at TA = 25°C
• High-resolution, 16-bit delta-sigma ADC
– Wide common-mode range: –0.3V to +40V
– Reports current, bus voltage, power, internal
temperature, energy, and charge
– Programmable conversion time and averaging
• Current monitoring accuracy:
– Total Measurement Error: ±0.5% at 1A
– Offset current: ±0.6mA (maximum)
– Gain error: ±0.5% (maximum at 1A)
– Gain error drift: ±50ppm/°C (maximum)
• Power monitoring accuracy:
– 0.85% accuracy at 1A
• Energy and Charge accuracy:
– 1.35% accuracy at 1A
• Internal monitoring and fault detection
• Precision oscillator: ±0.5% (maximum)
• 2.94MHz High-Speed I2C interface with 4 pinselectable
addresses
• Operates from a 2.7V to 5.5V supply
– Operational current: 640μA (typical)
– Shutdown current: 5μA (maximum)

2 Applications
• Notebook computers
• Smartphones
• Industrial battery packs
• Smart network interface cards (NIC)
• Hardware accelerator cards

3 Description
The INA701 is a digital power monitor with an
integrated shunt resistor along with a 16-bit deltasigma
ADC specifically designed for current sensing
applications. The device can measure full-scale
currents up to ±6.225A, over the common-mode
voltage range of –0.3V to +40V.
The INA701 reports current, bus voltage, die
temperature, power, energy and charge accumulation
with a precision ±0.5% integrated oscillator, all
while performing the needed calculations in the
background. The integrated temperature sensor is
±3°C accurate over the junction temperature range.
The low offset and gain error drift of the INA701
allows use in systems that do not undergo
temperature calibration during manufacturing.
The device features selectable ADC conversion
times from 50μs to 4.12ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data and allows for
optimization of overcurrent detection windows.
The device is available in a tiny PowerWCSP
(DSBGA) package to minimize the solution size and
maximize thermal performance.




Similar Part No. - INA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA700 TI-INA700 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700AYWFR TI-INA700AYWFR Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results


Similar Description - INA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com