Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA701 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 3 Page - Texas Instruments

  INA701 Datasheet HTML 1Page - Texas Instruments INA701 Datasheet HTML 2Page - Texas Instruments INA701 Datasheet HTML 3Page - Texas Instruments INA701 Datasheet HTML 4Page - Texas Instruments INA701 Datasheet HTML 5Page - Texas Instruments INA701 Datasheet HTML 6Page - Texas Instruments INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
4 Pin Configuration and Functions
IN+
IN-
SDA
A0
GND
SCL
ALERT
VS
A
B
C
1
2
3
Figure 4-1. YWF Package 8-Pin PowerWCSP Top View
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
IN–
Analog input
Negative input to the device. For high-side applications, connect to supply side of the load. For
low-side applications, connect to ground.
A3
IN+
Analog input
Positive input to the device. For high-side applications, connect to the bus power supply. For
low-side applications, connect to ground side of the load.
B1
GND
Ground
Ground.
B2
A0
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS. See Table 6-2 for a list of available device
addresses.
B3
SDA
Digital input/output
Open-drain bidirectional I2C data.
C1
VS
Power supply
Power supply, 2.7V to 5.5V.
C2
ALERT
Digital output
Open-drain alert output, default state is active low.
C3
SCL
Digital input
Open-drain I2C clock input.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com